| Electronic Components Datasheet Search |
|
AM263P2 Datasheet(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 49 Page - Texas Instruments |
|
49 / 154 page ![]() Table 5-17. CPSW0 MII2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] MII2_COL I MII Collision Detected F17 F17 MII2_CRS I MII Carrier Sense G18 G18 MII2_RXCLK I MII Receive Clock K15 K15 MII2_RXDV I MII Receive Data Valid K16 K16 MII2_RX_ER I MII Receive Error G17 G17 MII2_TXCLK I MII Transmit Clock H18 H18 MII2_TX_EN O MII Transmit Enable L16 L16 MII2_RXD0 I MII Receive Data 0 K17 K17 MII2_RXD1 I MII Receive Data 1 K18 K18 MII2_RXD2 I MII Receive Data 2 J18 J18 MII2_RXD3 I MII Receive Data 3 J17 J17 MII2_TXD0 O MII Transmit Data 0 M16 M16 MII2_TXD1 O MII Transmit Data 1 M15 M15 MII2_TXD2 O MII Transmit Data 2 H17 H17 MII2_TXD3 O MII Transmit Data 3 H16 H16 Table 5-18. MDIO0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] MDIO0_MDC O MDIO Clock M17 M17 MDIO0_MDIO IO MDIO Data N16 N16 5.3.6 CPTS Table 5-19. CPTS0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] CPTS0_TS_SYNC O CPTS Time Stamp Counter Bit Output A16 A16 5.3.7 DAC Table 5-20. DAC Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] DAC_OUT O DAC Output T5 T5 DAC_VREF0 (1) (2) A DAC Voltage Reference 0 T13 T13 DAC_VREF1 (1) (2) A DAC Voltage Reference 1 T6 T6 (1) See the Layout Guidelines sections for details on connecting these pins. (2) This pin can be connected (shorted) to VDDA18_LDO. 5.3.8 EPWM Table 5-21. EPWM0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM0_A O EPWM Output A B2 B2 EPWM0_B O EPWM Output B B1 B1 Table 5-22. EPWM1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] EPWM1_A O EPWM Output A D3 D3 EPWM1_B O EPWM Output B D2, E4 D2, E4 TI Information - Selective Disclosure www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 49 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |