| Electronic Components Datasheet Search |
|
AM263P2 Datasheet(PDF) 54 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 54 Page - Texas Instruments |
|
54 / 154 page ![]() Table 5-60. FSITX0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] FSITX0_DATA1 O FSI Data 1 B11, U17 B11 Table 5-61. FSITX1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] FSITX1_CLK O FSI Clock E4, N18 E4, N18 FSITX1_DATA0 O FSI Data 0 F2, M18 F2, M18 FSITX1_DATA1 O FSI Data 1 G2, P16 G2, P16 Table 5-62. FSITX2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] FSITX2_CLK O FSI Clock E16, G3 E16, G3 FSITX2_DATA0 O FSI Data 0 F16, H2 F16, H2 FSITX2_DATA1 O FSI Data 1 F18, G1 F18, G1 Table 5-63. FSITX3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] FSITX3_CLK O FSI Clock C16 C16 FSITX3_DATA0 O FSI Data 0 A17 A17 FSITX3_DATA1 O FSI Data 1 B18 B18 5.3.11 GPIO Table 5-64. GPIO Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] GPIO0 IO General Purpose Input/Output P1 P1 GPIO1 IO General Purpose Input/Output R3 R3 GPIO2 IO General Purpose Input/Output N2 N2 GPIO3 IO General Purpose Input/Output N1 N1 GPIO4 IO General Purpose Input/Output N4 N4 GPIO5 IO General Purpose Input/Output M4 M4 GPIO6 IO General Purpose Input/Output P3 P3 GPIO7 IO General Purpose Input/Output M1 M1 GPIO8 IO General Purpose Input/Output L1 L1 GPIO9 IO General Purpose Input/Output L2 L2 GPIO10 IO General Purpose Input/Output K1 K1 GPIO11 IO General Purpose Input/Output C11 C11 GPIO12 IO General Purpose Input/Output A11 A11 GPIO13 IO General Purpose Input/Output C10 C10 GPIO14 IO General Purpose Input/Output B11 B11 GPIO15 IO General Purpose Input/Output C9 C9 GPIO16 IO General Purpose Input/Output A10 A10 GPIO17 IO General Purpose Input/Output B10 B10 GPIO18 IO General Purpose Input/Output D9 D9 GPIO19 IO General Purpose Input/Output A9 A9 GPIO100 IO General Purpose Input/Output M15 M15 GPIO101 IO General Purpose Input/Output H17 H17 GPIO102 IO General Purpose Input/Output H16 H16 GPIO103 IO General Purpose Input/Output F15 F15 GPIO104 IO General Purpose Input/Output C18 C18 GPIO105 IO General Purpose Input/Output D17 D17 TI Information - Selective Disclosure AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 www.ti.com 54 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |