Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2 Datasheet(PDF) 58 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P2 Datasheet(HTML) 58 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 54Page - Texas Instruments AM263P2 Datasheet HTML 55Page - Texas Instruments AM263P2 Datasheet HTML 56Page - Texas Instruments AM263P2 Datasheet HTML 57Page - Texas Instruments AM263P2 Datasheet HTML 58Page - Texas Instruments AM263P2 Datasheet HTML 59Page - Texas Instruments AM263P2 Datasheet HTML 60Page - Texas Instruments AM263P2 Datasheet HTML 61Page - Texas Instruments AM263P2 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 154 page
background image
Note
I2C signals that are implemented on an LVCMOS voltage buffer pin can be configured to operate
as open-drain outputs by configuring the I2C module to source a constant low output and toggle the
output enable. The output buffer drives low when enabled and is high impedance when disabled.
The (I2C OD FS) are the only IO voltage buffers which are fail-safe. These are implemented for I2C0
pins only. Other IOs do not allow any potential greater than (VDD + 0.3V) to be applied. This means
you can not source any potential to these pins when power is off. All attached devices that can source
a potential to these IOs must be powered from the same power supply that is sourcing the respective
IO power rail.
5.3.13 LIN
Table 5-69. LIN0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
LIN0_RXD
IO
LIN Receive Data
A7, B6
A7, B6
LIN0_TXD
IO
LIN Transmit Data
A4, A6
A4, A6
Table 5-70. LIN1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
LIN1_RXD
IO
LIN Receive Data
A9, L3
A9, L3
LIN1_TXD
IO
LIN Transmit Data
B9, M3
B9, M3
Table 5-71. LIN2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
LIN2_RXD
IO
LIN Receive Data
B8
B8
LIN2_TXD
IO
LIN Transmit Data
A8
A8
Table 5-72. LIN3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
LIN3_RXD
IO
LIN Receive Data
C11
C11
LIN3_TXD
IO
LIN Transmit Data
A11
A11
Table 5-73. LIN4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
LIN4_RXD
IO
LIN Receive Data
A10, D11
A10, D11
LIN4_TXD
IO
LIN Transmit Data
C12, C9
C12, C9
5.3.14 MCAN
Table 5-74. MCAN0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
MCAN0_RX
I
MCAN Receive Data
B6, E16, M1
B6, E16, M1
MCAN0_TX
O
MCAN Transmit Data
A4, F16, L1
A4, F16, L1
Table 5-75. MCAN1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
MCAN1_RX
I
MCAN Receive Data
B5, F18, L2
B5, F18, L2
MCAN1_TX
O
MCAN Transmit Data
B4, G16, K1
B4, G16, K1
TI Information - Selective Disclosure
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81 – OCTOBER 2023
www.ti.com
58
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com