| Electronic Components Datasheet Search |
|
AM263P2 Datasheet(PDF) 57 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 57 Page - Texas Instruments |
|
57 / 154 page ![]() Table 5-64. GPIO Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] GPIO87 IO General Purpose Input/Output G17 G17 GPIO88 IO General Purpose Input/Output F17 F17 GPIO89 IO General Purpose Input/Output G18 G18 GPIO90 IO General Purpose Input/Output G15 G15 GPIO91 IO General Purpose Input/Output K15 K15 GPIO92 IO General Purpose Input/Output K16 K16 GPIO93 IO General Purpose Input/Output K17 K17 GPIO94 IO General Purpose Input/Output K18 K18 GPIO95 IO General Purpose Input/Output J18 J18 GPIO96 IO General Purpose Input/Output J17 J17 GPIO97 IO General Purpose Input/Output H18 H18 GPIO98 IO General Purpose Input/Output L16 L16 GPIO99 IO General Purpose Input/Output M16 M16 (1) This pin is is only supported in the ZCZ_C package option (2) GPIO134 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer. (3) GPIO135 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer. 5.3.12 I2C Table 5-65. I2C0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] I2C0_SCL (2) IOD I2C Clock A13 A13 I2C0_SDA (1) IOD I2C Data B13 B13 (1) I2C0_SDA is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer. (2) I2C0_SCL is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer. Table 5-66. I2C1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] I2C1_SCL (1) IO I2C Clock B5, D7 B5, D7 I2C1_SDA (2) IO I2C Data A3, C8 A3, C8 (1) I2C1_SCL is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output Open Drain signal type. (2) I2C1_SDA is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output Open Drain signal type. Table 5-67. I2C2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] I2C2_SCL (1) IO I2C Clock C6, C7 C6, C7 I2C2_SDA (2) IO I2C Data A5, B7 A5, B7 (1) I2C2_SCL is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output Open Drain signal type. (2) I2C2_SDA is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output Open Drain signal type. Table 5-68. I2C3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] I2C3_SCL (2) IO I2C Clock B15, H2 B15, H2 I2C3_SDA (1) IO I2C Data A16, G3 A16, G3 (1) I2C3_SDA is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output Open Drain signal type. (2) I2C3_SCL is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output Open Drain signal type. TI Information - Selective Disclosure www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 57 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |