| Electronic Components Datasheet Search |
|
AM263P2 Datasheet(PDF) 59 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 59 Page - Texas Instruments |
|
59 / 154 page ![]() Table 5-76. MCAN2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] MCAN2_RX I MCAN Receive Data A12 A12 MCAN2_TX O MCAN Transmit Data B12 B12 Table 5-77. MCAN3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] MCAN3_RX I MCAN Receive Data B7, C14 B7, C14 MCAN3_TX O MCAN Transmit Data A15, C7 A15, C7 Table 5-78. MCAN4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] MCAN4_RX I MCAN Receive Data A3, E17, G1 A3, E17, G1 MCAN4_TX O MCAN Transmit Data A2, E18, J2 A2, E18, J2 Table 5-79. MCAN5 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] MCAN5_RX I MCAN Receive Data C16, C6, G4 C16, C6, G4 MCAN5_TX O MCAN Transmit Data A17, A5, J3, R3 A17, A5, J3, R3 Table 5-80. MCAN6 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] MCAN6_RX I MCAN Receive Data B18, H1, V17 B18, H1 MCAN6_TX O MCAN Transmit Data B17, J1, T16 B17, J1 Table 5-81. MCAN7 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] MCAN7_RX I MCAN Receive Data D16, K2, N2, P15 D16, K2, N2 MCAN7_TX O MCAN Transmit Data C17, J4, N1, R16 C17, J4, N1 5.3.15 SPI (MCSPI) Table 5-82. SPI0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] SPI0_CLK (1) IO SPI Clock (SOP2) A11 A11 SPI0_CS0 IO SPI Chip Select 0 C11 C11 SPI0_CS1 IO SPI Chip Select 1 B7 B7 SPI0_D0 (2) IO SPI Data 0 (SOP3) C10 C10 SPI0_D1 IO SPI Data 1 B11 B11 (1) The SPI0_CLK pin is also used as SOP2 bootmode configuration pin. (2) The SPI0_D0 pin is also used as SOP3 bootmode configuration pin. Table 5-83. SPI1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] SPI1_CLK IO SPI Clock A10 A10 SPI1_CS0 IO SPI Chip Select 0 C9 C9 SPI1_D0 IO SPI Data 0 B10 B10 SPI1_D1 IO SPI Data 1 D9 D9 Table 5-84. SPI2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] SPI2_CLK IO SPI Clock B9 B9 TI Information - Selective Disclosure www.ti.com AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 59 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |