| Electronic Components Datasheet Search |
|
AM263P2 Datasheet(PDF) 60 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 60 Page - Texas Instruments |
|
60 / 154 page ![]() Table 5-84. SPI2 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] SPI2_CS0 IO SPI Chip Select 0 A9 A9 SPI2_D0 IO SPI Data 0 B8 B8 SPI2_D1 IO SPI Data 1 A8 A8 Table 5-85. SPI3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] SPI3_CLK IO SPI Clock C8 C8 SPI3_CS0 IO SPI Chip Select 0 D7 D7 SPI3_D0 IO SPI Data 0 C7 C7 SPI3_D1 IO SPI Data 1 B7 B7 Table 5-86. SPI4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] SPI4_CLK IO SPI Clock B14, L1 B14, L1 SPI4_CS0 IO SPI Chip Select 0 A14, M1 A14, M1 SPI4_CS1 IO SPI Chip Select 1 K2, R3 K2, R3 SPI4_D0 IO SPI Data 0 C12, L2 C12, L2 SPI4_D1 IO SPI Data 1 D11, K1 D11, K1 Table 5-87. SPI5 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] SPI5_CLK IO SPI Clock C18, G2 C18, G2 SPI5_CS0 IO SPI Chip Select 0 F15, F2 F15, F2 SPI5_D0 IO SPI Data 0 D17, E1 D17, E1 SPI5_D1 IO SPI Data 1 D18, F3 D18, F3 Table 5-88. SPI6 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] SPI6_CLK IO SPI Clock B17, F1 B17, F1 SPI6_CS0 IO SPI Chip Select 0 B18, F4 B18, F4 SPI6_D0 IO SPI Data 0 D16, G3 D16, G3 SPI6_D1 IO SPI Data 1 C17, H2 C17, H2 Table 5-89. SPI7 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] SPI7_CLK IO SPI Clock J2, K4, N1 J2, K4, N1 SPI7_CS0 IO SPI Chip Select 0 G1, J4, N2 G1, J4, N2 SPI7_D0 IO SPI Data 0 G4, K3, N4 G4, K3, N4 SPI7_D1 IO SPI Data 1 J3, K1, V17 J3, K1 5.3.16 MMC Table 5-90. MMC0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] MMC0_CD I MMC/SD Card Detect A5 A5 MMC0_CLK IO MMC/SD Clock B6 B6 MMC0_CMD IO MMC/SD Command A4 A4 MMC0_WP I MMC/SD Write Protect C6 C6 MMC0_D0 IO MMC/SD Data B5 B5 MMC0_D1 IO MMC/SD Data B4 B4 TI Information - Selective Disclosure AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 www.ti.com 60 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |