| Electronic Components Datasheet Search |
|
AM263P2 Datasheet(PDF) 56 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 56 Page - Texas Instruments |
|
56 / 154 page ![]() Table 5-64. GPIO Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] GPIO37 IO General Purpose Input/Output P16 P16 GPIO38 (1) IO General Purpose Input/Output P17 GPIO39 (1) IO General Purpose Input/Output P18 GPIO40 (1) IO General Purpose Input/Output N17 GPIO41 IO General Purpose Input/Output N16 N16 GPIO42 IO General Purpose Input/Output M17 M17 GPIO43 IO General Purpose Input/Output B2 B2 GPIO44 IO General Purpose Input/Output B1 B1 GPIO45 IO General Purpose Input/Output D3 D3 GPIO46 IO General Purpose Input/Output D2 D2 GPIO47 IO General Purpose Input/Output C2 C2 GPIO48 IO General Purpose Input/Output C1 C1 GPIO49 IO General Purpose Input/Output E2 E2 GPIO50 IO General Purpose Input/Output E3 E3 GPIO51 IO General Purpose Input/Output D1 D1 GPIO52 IO General Purpose Input/Output E4 E4 GPIO53 IO General Purpose Input/Output F2 F2 GPIO54 IO General Purpose Input/Output G2 G2 GPIO55 IO General Purpose Input/Output E1 E1 GPIO56 IO General Purpose Input/Output F3 F3 GPIO57 IO General Purpose Input/Output F4 F4 GPIO58 IO General Purpose Input/Output F1 F1 GPIO59 IO General Purpose Input/Output G3 G3 GPIO60 IO General Purpose Input/Output H2 H2 GPIO61 IO General Purpose Input/Output G1 G1 GPIO62 IO General Purpose Input/Output J2 J2 GPIO63 IO General Purpose Input/Output G4 G4 GPIO64 IO General Purpose Input/Output J3 J3 GPIO65 IO General Purpose Input/Output H1 H1 GPIO66 IO General Purpose Input/Output J1 J1 GPIO67 IO General Purpose Input/Output K2 K2 GPIO68 IO General Purpose Input/Output J4 J4 GPIO69 IO General Purpose Input/Output K4 K4 GPIO70 IO General Purpose Input/Output K3 K3 GPIO71 (1) IO General Purpose Input/Output V17 GPIO72 (1) IO General Purpose Input/Output T16 GPIO73 (1) IO General Purpose Input/Output P15 GPIO74 (1) IO General Purpose Input/Output R16 GPIO75 IO General Purpose Input/Output L3 L3 GPIO76 IO General Purpose Input/Output M3 M3 GPIO77 IO General Purpose Input/Output B6 B6 GPIO78 IO General Purpose Input/Output A4 A4 GPIO79 IO General Purpose Input/Output B5 B5 GPIO80 IO General Purpose Input/Output B4 B4 GPIO81 IO General Purpose Input/Output A3 A3 GPIO82 IO General Purpose Input/Output A2 A2 GPIO83 IO General Purpose Input/Output C6 C6 GPIO84 IO General Purpose Input/Output A5 A5 GPIO85 IO General Purpose Input/Output L17 L17 GPIO86 IO General Purpose Input/Output L18 L18 TI Information - Selective Disclosure AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 www.ti.com 56 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |