Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6701 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 4Page - STMicroelectronics L6701 Datasheet HTML 5Page - STMicroelectronics L6701 Datasheet HTML 6Page - STMicroelectronics L6701 Datasheet HTML 7Page - STMicroelectronics L6701 Datasheet HTML 8Page - STMicroelectronics L6701 Datasheet HTML 9Page - STMicroelectronics L6701 Datasheet HTML 10Page - STMicroelectronics L6701 Datasheet HTML 11Page - STMicroelectronics L6701 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
3 Maximum Ratings
L6701
8/44
3
Maximum Ratings
3.1
Absolute maximum ratings
3.2
Thermal data
Table 2.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCC
to PGND
15
V
VBOOTx - VPHASEx
Boot Voltage
15
V
VUGATEx - VPHASEx
15
V
LGATEx, PHASEx, to PGNDx
-0.3 to VCC + 0.3
V
VID0 to VID5
-0.3 to 5
V
All other Pins to PGNDx
-0.3 to 7
V
VPHASEx
Positive Peak Voltage; T<20ns @ 600kHz
26
V
Negative Peak Voltage;
TBD
V
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RTHJA
Thermal Resistance Junction to Ambient
(Device soldered on 2s2p PC Board)
30
°C/W
RTHJC
Thermal Resistance Junction to Case
1
°C/W
TMAX
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-40 to 150
°C
TJ
Junction Temperature Range
0 to 125
°C
PTOT
Maximum Power Dissipation at 25°C
(Device soldered on 2s2p PC Board)
3.3
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com