Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6701 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 27Page - STMicroelectronics L6701 Datasheet HTML 28Page - STMicroelectronics L6701 Datasheet HTML 29Page - STMicroelectronics L6701 Datasheet HTML 30Page - STMicroelectronics L6701 Datasheet HTML 31Page - STMicroelectronics L6701 Datasheet HTML 32Page - STMicroelectronics L6701 Datasheet HTML 33Page - STMicroelectronics L6701 Datasheet HTML 34Page - STMicroelectronics L6701 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
L6701
13 Output voltage Monitor and Protections
31/44
Figure 14. Feedback Disconnection
13.5
PGOOD (Only for VR9 and K8 Modes)
It is an open-drain signal set free after the soft-start sequence has finished. It is pulled low
when the output voltage drops below -230mV of the programmed voltage.
13.6
Over Current Protection
Output current in each phase is monitored by L6701 through RISEN and so, programming the
value of these resistors, it is possible to set the OCP to the desired value. The Over Current
threshold has to be programmed to a safe value, in order to be sure that the device doesn't
enter OCP during normal operation of the device. This value must take into consideration also
the extra current needed during the Dynamic VID Transition ID-VID and, since the device reads
across MOSFETs RDS(on), the process spread and temperature variations of these sensing
elements. Moreover, since also the internal threshold spreads, the Rg design has to consider
the minimum value IOCTH(min) of the threshold as follow:
where IOCPx is the current measured by the current reading circuitry when the device enters
Quasi-Constant-Current.
Since the device reads the current across Low Side MOSFETs, it limits the bottom of the
inductor current entering in constant current until setting UVP as below explained. IOCPx must
be calculated starting from the corresponding output current value IOUT(OCP) as follow (ID-VID
must also be considered when D-VID are supported) since the device holds the valley current
information:
where IOUT(OCP) is still the output current value at which the device enters Quasi-Constant-
Current, IPP is the inductor current ripple in each phase and ID-VID is the additional current
required by D-VID (when applicable). In particular, since the device limits the valley of the
L2
L1
L3
DCR1
DCR2
DCR3
CD
RD
RD RD
RG
PHASE3
PHASE2
PHASE1
VOUT
IINFO
CS_DROOP+
CS_DROOP-
FB
IDROOP
x 3
RF
CF
RFB
COMP
VSEN
FBR
FBG
VID
FB_DISCONNECTED
1V
Rg
I
OC Px m ax
() RdsON max
()
I
OCTH m in
()
------------------------------------------------------------------
=
I
OCPx
I
OU T O CP
()
3
----------------------------
∆I
PP
2
------------
I
DVID
3
------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com