Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6701 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 31Page - STMicroelectronics L6701 Datasheet HTML 32Page - STMicroelectronics L6701 Datasheet HTML 33Page - STMicroelectronics L6701 Datasheet HTML 34Page - STMicroelectronics L6701 Datasheet HTML 35Page - STMicroelectronics L6701 Datasheet HTML 36Page - STMicroelectronics L6701 Datasheet HTML 37Page - STMicroelectronics L6701 Datasheet HTML 38Page - STMicroelectronics L6701 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
L6701
15 System Control Loop Compensation
35/44
15
System Control Loop Compensation
The control loop is composed by the Current Sharing control loop (See Figure 17) and the
Average Current Mode control loop. Each loop gives, with a proper gain, the correction to the
PWM in order to minimize the error in its regulation: the Current Sharing control loop equalize
the currents in the inductors while the Average Current Mode control loop fixes the output
voltage equal to the reference programmed by VID. Figure 17 shows the block diagram of the
system control loop.
The system Control Loop is reported in Figure 18. The current information IDROOP sourced by
the DROOP pin flows into RFB implementing the dependence of the output voltage from the
read current.
Figure 17. Main Control Loop
The system can be modeled with an equivalent single phase converter which only difference is
the equivalent inductor L/3 (where each phase has an L inductor).The Control Loop gain results
(obtained opening the loop after the COMP pin):
Where:
●
is the equivalent output resistance determined by the droop function
(
for fully differential current sense);
●
ZP(s) is the impedance resulting by the parallel of the output capacitor (and its ESR) and
the applied load RO;
●
ZF(s) is the compensation network impedance;
●
ZL(s) is the parallel of the three inductor impedance;
●
A(s) is the error amplifier gain;
L3
L2
L1
PWM3
PWM2
PWM1
4 / 5
Reference
ERROR AMPLIFIER
COMP
FB
ZF(s)
ZF(s)
IDROOP
COUT
ROUT
1 / 5
1 / 5
1 / 5
CURRENT SHARING
DUTY CYCLE
CORRECTION
IINFO1
IINFO3
IINFO2
G
LOO P s
()
PWM Z
F s
() R
DROOP
Z
P s
()
+
()
⋅⋅
Z
P s
() Z
L s
()
+
[]
Z
F s
()
As
()
---------------
1
1
As
()
------------
+
⎝⎠
⎛⎞ R
FB
⋅
+
⋅
--------------------------------------------------------------------------------------------------------------------
–
=
R
D ROOP
DCR
R
D
------------- RFB
⋅
=
R
DR OO P
3
DCR
R
D
------------- RFB
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com