Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6701 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 36Page - STMicroelectronics L6701 Datasheet HTML 37Page - STMicroelectronics L6701 Datasheet HTML 38Page - STMicroelectronics L6701 Datasheet HTML 39Page - STMicroelectronics L6701 Datasheet HTML 40Page - STMicroelectronics L6701 Datasheet HTML 41Page - STMicroelectronics L6701 Datasheet HTML 42Page - STMicroelectronics L6701 Datasheet HTML 43Page - STMicroelectronics L6701 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
17 Package Mechanical Data
L6701
42/44
PowerSSO-36 Mechanical Data
Dim.
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.15
2.47
0.084
0.097
A2
2.15
2.40
0.084
0.094
a1
0
0.075
0
0.003
b
0.18
0.36
0.007
0.014
c
0.23
0.32
0.009
0.012
D (1)
1.
“D and E” do not include mold flash or protusions. Mold flash or protusions shall not exceed 0.15mm (0.006”)
10.10
10.50
0.398
0.413
E(2)
2.
No intrusion allowed inwards the leads.
3.
Flash or bleeds on exposed die pad shall not exceed 0.4 mm per side
7.4
7.6
0.291
0.299
e
0.50
0.020
e3
8.50
0.035
F
2.3
0.090
G
0.10
0.004
G1
0.06
0.002
H
10.10
10.50
0.398
0.413
h
0.40
0.016
L
0.55
0.85
0.022
0.033
M
4.3
0.169
N
10° (max)
O
1.2
0.047
Q
0.8
0.031
S
2.9
0.114
T
3.65
0.144
U
1.0
0.039
X
4.10
4.70
0.161
0.185
Y
6.50
7.10
0.256
0.279
Figure 21. Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com