Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6701 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 19Page - STMicroelectronics L6701 Datasheet HTML 20Page - STMicroelectronics L6701 Datasheet HTML 21Page - STMicroelectronics L6701 Datasheet HTML 22Page - STMicroelectronics L6701 Datasheet HTML 23Page - STMicroelectronics L6701 Datasheet HTML 24Page - STMicroelectronics L6701 Datasheet HTML 25Page - STMicroelectronics L6701 Datasheet HTML 26Page - STMicroelectronics L6701 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
L6701
10 Output Voltage Positioning
23/44
and, multiplied by three, sourced by the FB pin (IDROOP). RFB gives the final gain to program
the desired load-line slope.
As before, the voltage positioning equations results (See Figure 9):
As a consequence:
=>
The device forces IDROOP = ICSx3, proportional to the read current, into the feedback resistor
RFB implementing the load regulation dependence. The output characteristic vs. load current is
then given by (Offset disabled):
Where RLLDIFF is the resulting differential load-line resistance implemented by the system. The
whole power supply can be then represented by a "real" voltage generator with an equivalent
output resistance RLLDIFF and a voltage value of VID.
RFB resistor can be then designed according to the Load-Line (RLLDIFF) specifications as
follow:
.
where RD is typically designed to have ICS = 35µA at the maximum output current (OCP).
Table 9 contains a quick-reference guide to design applications with typical and/or differential
current sense.
Figure 9.
Fully Differential Load-Line Current-Reading (pat. pend.)
I
CS
I
OUT
1s L
⋅
DCR
⁄
+
1s R
⋅
PH
C
⋅
PH
+
--------------------------------------------
DCR
R
D
-------------
⋅⋅
=
L
DCR
-------------
R
PH
C
⋅
PH
=
I
CS
I
OUT
DCR
R
D
-------------
⋅
=
V
OUT
VID
R
FB
I
DROOP
⋅
–
VID
3 R
⋅
FB
DCR
R
D
------------- IOUT
⋅⋅
–
VID
R
LLDIFF
I
OU T
⋅
–
==
=
R
FB
R
LL DIFF
3
----------------------
R
D
DCR
-------------
⋅
=
L2
L1
L3
DCR1
DCR2
DCR3
CPH
RD
PHASE3
PHASE2
PHASE1
VOUT
ICS
CS+
CS-
FB
IDROOP
x 3
RF
CF
RFB
COMP
Fully Differential Current Reading
for Load-Line
CPH
CPH
RD
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com