Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6701 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 30Page - STMicroelectronics L6701 Datasheet HTML 31Page - STMicroelectronics L6701 Datasheet HTML 32Page - STMicroelectronics L6701 Datasheet HTML 33Page - STMicroelectronics L6701 Datasheet HTML 34Page - STMicroelectronics L6701 Datasheet HTML 35Page - STMicroelectronics L6701 Datasheet HTML 36Page - STMicroelectronics L6701 Datasheet HTML 37Page - STMicroelectronics L6701 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
14 Oscillator
L6701
34/44
14
Oscillator
The internal oscillator generates the triangular waveform for the PWM charging and
discharging with a constant current an internal capacitor. The switching frequency for each
channel, FSW, is internally fixed at 100kHz so that the resulting switching frequency at the load
side results in being tripled (300kHz).
The current delivered to the oscillator is typically 25
µA (corresponding to the free-running
frequency FSW=100kHz) and it may be varied using an external resistor (ROSC) connected
between the OSC pin and SGND. Since the OSC pin is fixed at 1.24V, the frequency is
increased proportionally to the current sunk from the pin considering the internal gain of 4KHz/
µA.
In particular connecting ROSC to SGND the frequency is increased according to the following
relationship:
ROSC vs. SGND
Caution:
Maximum programmable switching frequency per phase must be limited to 500kHz to avoid
current reading errors causing, as a consequence, current sharing errors. Anyway, device
power dissipation must be checked prior to design high switching frequency systems.
Figure 16. ROSC vs. Switching Frequency
F
SW
100kHz
1.240V
R
OSC k Ω
()
---------------------------- 4
kHz
µA
-----------
⋅
+
100kHz
4.96 10
6
⋅
R
OSC kΩ
()
----------------------------
+
==
0
50
100
150
200
250
100
150
200
250
300
350
400
450
500
550
Fsw [kHz] Programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com