Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6701 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 11Page - STMicroelectronics L6701 Datasheet HTML 12Page - STMicroelectronics L6701 Datasheet HTML 13Page - STMicroelectronics L6701 Datasheet HTML 14Page - STMicroelectronics L6701 Datasheet HTML 15Page - STMicroelectronics L6701 Datasheet HTML 16Page - STMicroelectronics L6701 Datasheet HTML 17Page - STMicroelectronics L6701 Datasheet HTML 18Page - STMicroelectronics L6701 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
L6701
6 VID Tables
15/44
1
10011
1.2250
0100
11
0.8500
1
10100
1.2125
0101
00
0.8375
1.
Since the VIDx pins program the maximum output voltage, according to VR10.x specifications, the device automatically
regulates to a voltage 19mV lower avoiding the use of any external components to lower the output voltage. This improves
the system tolerance performance since the reference already offset is trimmed in production within ±0.7%.
Table 6.
Voltage IDentification (VID) for Intel VR9 DAC (VID5 doesn’t care)
VID4
VID3
VID2
VID1
VID0
Output Voltage(1)
VID4
VID3
VID2
VID1
VID0
Output Voltage(1)
0
0000
1.850
1000
0
1.450
0
0001
1.825
1000
1
1.425
0
0010
1.800
1001
0
1.400
0
0011
1.775
1001
1
1.375
0
0100
1.750
1010
0
1.350
0
0101
1.725
1010
1
1.325
0
0110
1.700
1011
0
1.300
0
0111
1.675
1011
1
1.275
0
1000
1.650
1100
0
1.250
0
1001
1.625
1100
1
1.225
0
1010
1.600
1101
0
1.200
0
1011
1.575
1101
1
1.175
0
1100
1.550
1110
0
1.150
0
1101
1.525
1110
1
1.125
0
1110
1.500
1111
0
1.100
0
1111
1.475
1111
1
OFF
1.
Since the VIDx pins program the maximum output voltage, the device automatically regulates to a voltage 19mV lower
avoiding the use of any external components to lower the output voltage. This improves the system tolerance performance
since the reference already offset is trimmed in production within ±0.7%.
Table 5.
Voltage IDentification (VID) for Intel VR10 DAC. (continued)
VID4
VID3
VID2
VID1
VID0
VID5
Output
Voltage (1)
VID4
VID3
VID2
VID1
VID0
VID5
Output
Voltage (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com