Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020CMBA0ES Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MPF5020CMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020CMBA0ES Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MPF5020CMBA0ES Datasheet HTML 28Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 29Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 30Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 31Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 32Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 33Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 34Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 35Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
OTP bits
OTP_TIMER_FAULT [3:0]
Functional bits
TIMER_FAULT [3:0]
Timer value
(ms)
0000
0000
1
0001
0001
2
0010
0010
4
0011
0011
8
0100
0100
16
0101
0101
32
0110
0110
64
0111
0111
128
1000
1000
256
1001
1001
512
1010
1010
1024
1011
1011
2056
1100
1100
Reserved
1101
1101
Reserved
1110
1110
Reserved
1111
1111
Disabled
Table 24. Fault timer register configuration
Each voltage regulator has a dedicated I2C bit that is used to bypass the fault detection mechanism for each
specific fault.
SWx_ILIM_BYPASS / LDOx_ILIM_BYPASS
• 0 = ILIM protection enabled
• 1 = ILIM fault bypassed
SWx_OV_BYPASS / LDOx_OV_BYPASS
• 0 = OV protection enabled
• 1 = OV fault bypassed
SWx_UV_BYPASS / LDOx_UV_BYPASS
• 0 = UV protection enabled
• 1 = UV fault bypassed
Regulator
Bit to bypass a current limit
Bit to bypass an undervoltage Bit to bypass an overvoltage
SW1
SW1_ILIM_BYPASS
SW1_UV_BYPASS
SW1_OV_BYPASS
SW2
SW2_ILIM_BYPASS
SW2_UV_BYPASS
SW2_OV_BYPASS
SWND1
SWND1_ILIM_BYPASS
SWND1_UV_BYPASS
SWND1_OV_BYPASS
LDO1
LDO1_ILIM_BYPASS
LDO1_UV_BYPASS
LDO1_OV_BYPASS
Table 25. Fault bypass bits
The default value of the OV_BYPASS, UV_BYPASS and ILIM_BYPASS bits upon power up can be configured
by their corresponding OTP bits.
Bypassing the fault detection prevents the specific fault from starting any of the protective mechanism:
• Increment the counter
• Start the fault timer
PF5020
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.2 — 5 March 2024
32 / 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com