Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020CMBA0ES Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MPF5020CMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020CMBA0ES Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MPF5020CMBA0ES Datasheet HTML 66Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 67Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 68Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 69Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 70Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 71Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 72Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 73Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 106 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
aaa-028069
10.4 µs
5.2 µs
5 %
fosc
10 %
fosc
time
SS_RANGE = 0
SS_RANGE = 1
fmod = 24 kHz
fmod = 24 kHz
time
Figure 29. Spread-spectrum waveforms
If the frequency spread-spectrum is enabled, the switching regulators should be set in PWM mode to ensure
clock synchronization at all time.
If the external clock synchronization is enabled, (SYNC_MODE = 1), the spread spectrum is disabled regardless
of the value of the FSS_EN bit.
15.7.5 Clock synchronization
An external clock can be fed via the SYNC pin to synchronize the switching regulators to this external clock.
When the OTP_SYNC_MODE = 0, the external clock synchronization is disabled. In this case, the PLL is
disabled, and the device always uses the internal high frequency clock to generate the main frequency for the
switching regulators.
When the OTP_SYNC_MODE = 1, the external clock synchronization is enabled. In this case, the internal PLL
is always enabled and it uses either the internal high frequency clock or the SYNC pin as the source to generate
the main frequency for the switching regulators.
If the SYNCIN function is not used, the pin should be grounded. If the external clock is meant to start up after
the PMIC has started, the SYNC pin must be maintained low until the external clock is applied.
The SYNC pin is prepared to detect clock signals with a 1.8 V or 3.3 V amplitude and within the frequency
range set by the FSYNC_RANGE bit.
• When the FSYNC_RANGE = 0, the input frequency range at SYNC pin should be between 2000 kHz and
3000 kHz.
PF5020
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.2 — 5 March 2024
70 / 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com