Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020CMBA0ES Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MPF5020CMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020CMBA0ES Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MPF5020CMBA0ES Datasheet HTML 49Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 50Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 51Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 52Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 53Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 54Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 55Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 56Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 106 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
SWxILIM[1:0]
Typical current limit
00
2.1 A
01
2.6 A
10
3.0 A
11
4.5 A
Table 42. SWx current limit selection
The current limit specification is given with respect to the inductor peak current. To calculate the DC current
at which the buck regulator would enter into current limitation, it is necessary to calculate the inductor ripple
current. An ideal approximation is enough to obtain the ripple current as follows:
ΔiL = [(VIN-VOUT) × (VOUT/VIN)]/(L × FSW)
Where L is the inductance value and Fsw is the selected switching frequency.
The DC current limit is then calculated by
DC ILIM = ILIM - (ΔiL / 2)
In order to account for component tolerances, use the minimum inductor value per the inductor specification.
During single phase operation, all buck regulators use 3 bits (SWxPHASE[2:0]) to control the phase shift of the
switching frequency. Upon power up, the switching phase of all regulators is defaulted to 0 degrees and can be
modified during the system On state.
SWx_PHASE[2:0]
Phase shift [degrees]
000
45
001
90
010
135
011
180
100
225
101
270
110
315
111
0 (default)
Table 43. SWx phase configuration
Each one of the buck regulator provides 2 OTP bits to configure the value of the inductor used in the
corresponding block. The OTP_SWx_LSELECT[1:0] allows to choose the inductor as shown in Table 44.
OTP_SWx_LSELECT[1:0]
Inductor value
00
1.0 µH
01
0.47 µH
10
1.5 µH
11
Reserved
Table 44. SWx inductor selection bits
15.3.1 SW2 VTT operation
SW2 features a selectable VTT mode to create VTT termination for DDR memories.
When SW2_VTTEN = 1, the VTT mode is enabled. In this mode, SW2 reference voltage is internally connected
to SW1FB output through a divider by 2.
PF5020
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.2 — 5 March 2024
53 / 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com