Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020CMBA0ES Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPF5020CMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020CMBA0ES Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPF5020CMBA0ES Datasheet HTML 2Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 3Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 4Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 5Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 6Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 7Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 8Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 9Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
QFN pin
number
Pin name
Pin description
Min
Max
Units
15
LDO1OUT
LDO1 output
−0.3
6.0
V
16
LDO1IN
LDO1 input supply
−0.3
6.0
V
17
VIN
Main input voltage
−0.3
6.0
V
18
AGND
Ground
−0.3
0.3
V
19
PGOOD1
SW1 PGOOD output
−0.3
6.0
V
20
PGOOD2
SW2 PGOOD output
−0.3
6.0
V
21
XFAILB
XFAILB input/output
−0.3
6.0
V
22
STANDBY
STANDBY signal input
−0.3
6.0
V
23
V1P5A
1.6 V regulator output for internal analog
−0.3
2
V
24
V1P5D
1.6 V regulator output for internal digital
−0.3
2
V
25
INTB
Interrupt open-drain output
−0.3
6.0
V
26
PGOOD
Global PGOOD output
−0.3
6.0
V
27
SYNC
External clock input/output for synchronization
−0.3
6.0
V
28
VDDOTP
Power supply for OTP programing block
−0.3
10
V
29
SDA
I2C SDA
−0.3
6.0
V
30
SCL
I2C SCL
−0.3
6.0
V
31
PWRON
PWRON input
−0.3
6.0
V
32
PGOOD3
SWND1 PGOOD output
−0.3
6.0
V
33
PGOOD4
LDO1 PGOOD output
−0.3
6.0
V
34
WDI
External watchdog reset input
−0.3
6.0
V
35
TBBEN
TBBEN mode control input
−0.3
6.0
V
36
VDDIO
I/O supply voltage. Connect to voltage rail at 1.8 V or 3.3
V
−0.3
6.0
V
37
RESETBMCU
RESETBMCU open-drain output
−0.3
6.0
V
38
EN1
SW1 enable input
−0.3
6.0
V
39
EN2
SW2 enable input
−0.3
6.0
V
40
SW1FB
Buck 1 output voltage feedback
−0.3
6.0
V
41
EPAD
Exposed pad. Connect to ground.
−0.3
0.3
V
Table 2. Pin description...continued
8 Absolute maximum ratings
Symbol
Parameter
Min
Typ
Max
Unit
VIN
Main input supply voltage
[1] −0.3
—
6.0
V
SWxVIN,
LDOxVIN
Regulator input supply voltage
[1] −0.3
—
6.0
V
VDDOTP
OTP programming input supply voltage
−0.3
—
10
V
Table 3. Absolute maximum ratings
[1]
Pin reliability may be affected if system voltages are above the maximum operating range of 5.5 V for extended period of time. To minimize system
reliability impact, system must not operate above 5.5 V for more than 1800 sec over the lifetime of the device.
PF5020
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.2 — 5 March 2024
6 / 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com