Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5020CMBA0ES Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MPF5020CMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020CMBA0ES Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MPF5020CMBA0ES Datasheet HTML 74Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 75Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 76Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 77Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 78Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 79Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 80Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 81Page - NXP Semiconductors MPF5020CMBA0ES Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 106 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
Bit name
Register
Bits
LDO1_STBY_EN
LDO1 CONFIG2
0
LDO1_SEQ [7:0]
LDO1 PWRUP
7:0
VLDO1_RUN[3:0]
LDO1 RUN VOLT
3:0
VLDO1_STBY[3:0]
LDO1 STBY VOLT
3:0
Table 69. Soft WD register reset...continued
A soft WD reset may require all or some regulators to be reset to their default OTP configuration. In the event a
regulator is required to keep its current configuration during a soft WD reset, a watchdog bypass bit is provided
for each regulator (SWx_WDBYPASS / LDOx_WDBYPASS).
• When the WDBYPASS = 0, the watchdog bypass is disabled and the output of the corresponding regulator is
returned to its default OTP value during the soft WD reset.
• When the WDBYPASS = 1, the watchdog bypass is enabled and the output of the corresponding regulator is
not affected by the soft WD reset, keeping its current configuration.
During a soft WD reset, only regulators that are activated in the power up sequence go back to their default
voltage configuration if their corresponding WDBYPASS = 0.
Switching regulators returning to their default voltages configuration, will gradually reach the new output voltage
using its DVS configuration. LDO regulator returning to their default configuration, will change to the default
output voltage configuration instantaneously. Regulators with WDBYPASS = 0 and which are not activated
during the power up sequence will turn off immediately.
After all output voltages have transitioned to their corresponding default values, the device waits for at least 30
μs before returning to the Run state and announces it has finalized the soft WD reset by asserting the INTB pin,
provided the WDI_I interrupt is not masked.
aaa-028073
System
ON
30 µs
WD Reset
Power Down
Sequence
Default OTP Configuration
INTB
RESETBMCU
VSNVS
In Power up
Sequence
Not in Power
up Sequence
Regulator with
WDBYPASS = 1
WDBYPASS = 0
WDI Event
Configuration Maintained
WDI OK
WDI OK
WDI Event
Soft WD Reset Behavior
Figure 32. Soft WD reset behavior
A hard WD reset is used to force a system power-on reset when the MCU has become unresponsive. In this
scenario, a full OTP register reset is performed.
PF5020
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.2 — 5 March 2024
78 / 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com