Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7016 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 7016
Description  3/2-way solenoid valve, direct-acting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7016 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  7016 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Type 7016
4 | 17
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “6. Dimensions” on page 8.
Material
Seal
FKM, EPDM
Housing
Polyphenylene sulphide (PPS)
Weight
Push-in housing 1.)
115 g
Flange housing 1.)
110 g
Orifice
DN 1.6…DN 2.7
Circuit function
C
Further information can be found in chapter “3. Circuit functions” on page 5.
Thermal insulation class of
solenoid coil
Epoxy coil class H
Performance data
Duty cycle/single valve
100 % continuous operation (at max. + 65 °C ambient temperature)
Switching time 2.)
Opening: 8…15 ms
Closing: 15…20 ms
Electrical data
Operating voltage
24 V/DC
Nominal power
7 W
Voltage tolerance
± 3 %
Medium data
Operating medium
Neutral and aggressive gases and liquids (e.g. air, water, coffee, milk)
(see chapter “5.1. Bürkert resistApp” on page 7)
Medium temperature
Liquid medium: + 5 °C…+ 100 °C
Gaseous medium: + 5 °C…+ 145 °C
Viscosity
Max. 21 mm2/s
Process/Port connection & communication
Electrical connection
Flat pin terminal (6.3 x 0.8) as protection class III device
Port connection
Flange
Push-in housing (hose outer diameter 6 mm)
Push-in housing (hose outer diameter 4 mm)
Approvals and conformities
Degree of protection
IP20
North America (USA/Canada)
Further information can be found in chapter “4.4. North America (USA/Canada)” on page 6.
Foods and beverages/Hygiene
Further information can be found in chapter “4.5. Foods and beverages/Hygiene” on page 6.
Environment and installation
Installation position
As required, preferably with actuator upright
Ambient temperature
Max. + 65 °C
1.) Standard version 24.5 mm solenoid coil
2.) Measurement at + 20 °C, nominal pressure 3.) at the valve outlet acc. to DIN ISO 12238:2001, opening: pressure build-up 0…10 %, closing: pressure reduction 100…90 %
3.) Pressure data: overpressure to atmospheric pressure and air as a medium



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com