Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7016 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 7016
Description  3/2-way solenoid valve, direct-acting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7016 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 7016 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Type 7016
17 | 17
Visit product website 
11.4. Ordering chart
Standard version with flat pin terminal, coil size 24.5 mm
Note:
• All valves are delivered without a cable plug.
• The K
V value for the nominal vent size (NO) is 0.045 m
3
/h for all articles.
• The Q
Nn value for the nominal vent size (NO) is 49 l/min for all articles.
• All valves have a PPS housing material.
• For all valves the maximum duty cycle is 100 % ED.
Circuit function
Port
connection
Orifice
Q
Nn value
air 1.)
K
V value
water 2.)
Voltage/
Frequency
Medium pressure
max.
Seal
material
Article no.
Pressure
input (NC)
Ventilation
(NO)
Ambient
temperature 65 °C
Water
[mm]
[mm]
[l/min]
[m3/h]
[V/Hz]
[bar]
CF C
3/2-way solenoid valve
Direct-acting
Normally closed
2(A)
1(P)
3(R)
Bürkert
flange
1.6
1.2
70
0.065
024 / DC / 7
14
FKM
20043170 
2.0
108
0.090
10
20026394 
2.7
168
0.155
3
20043171 
Push-In
6/4 mm
1.6
65
0.060
14
20043172 
2.0
97
0.090
10
20025852 
2.7
152
0.140
3
20043173 
Push-In
4/2 mm
1.6
49
0.045
14
20043174 
1.) Measurement at + 20 °C, 6 bar at the valve outlet and 1 bar pressure difference
2.) Measurement at + 20 °C, 1 bar at the valve inlet and free outlet
11.5. Ordering chart accessories
Mounting bracket (Quick-Clip)
Description
Packaging unit
Article no.
2x Ø 4.5
2x M4
(not included in delivery)
10 pcs.
20042946 
100 pcs.
20042945 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com