Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7016 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # 7016
Description  3/2-way solenoid valve, direct-acting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7016 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button 7016 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Type 7016
10 | 17
Visit product website 
Hose outer diameter 4 mm
Note:
Dimensions in mm
47.9
approx. 39.6
10
14.8
Hose depth
14.8
Hose depth
19.8
2 x
2.55 10
25
24.6
11
Flat pin
6.4 x 0.8
7
SW 6
M 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com