Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7016 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 7016
Description  3/2-way solenoid valve, direct-acting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7016 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 7016 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Type 7016
14 | 17
Visit product website 
10. Product design and assembly
10.1. Product features
Orientation of the coil
By loosening the sliding plate, the solenoid coil can be removed and, if necessary, the orientation of the solenoid coil can be changed.
Sliding plate
90°
90°
90°
90°
Locking pin
By means of a cylindrical pin with a diameter of 3 mm and a length of 16…18 mm (not included in the scope of delivery), the union nut can
be additionally fixed in the closed position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com