Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7016 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 7016
Description  3/2-way solenoid valve, direct-acting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7016 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  7016 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Visit product website 
DATA SHEET
Standard | EU | en | 2024-03-06 | 01
3/2-way solenoid valve, direct-acting
• 3/2-way plunger valve up to DN 2.7
• Tool-free coil and core changing (core with the aid of bayonet catch)
• Push-In and flange version
• Approval/conformities for use in the food sector
• Suitable for applications with hot water and steam
The 7016 is a direct-acting, non-media separated plunger valve for the filling and
dosing of neutral liquids and gases. The material selection and valve sizing also
ensure safe function and durability in hot water and steam applications. The inno-
vative service concept allows the valve to be opened quickly and inspected, and
wearing parts to be changed if needed, via a bayonet catch without the need for
tools. The solenoid can be loosened and aligned in any position. Flange and
push-in variants in PPS are available as port connections. The valve can be fas-
tened and maintained quickly thanks to the optionally available quick clip brackets
and/or screw fittings. The valve programme includes approvals and/or conformities
as per Commission Regulation (EC) 1935/2004, FDA and NSF 169. The valves
comply with degree of protection IP20.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Type 7016
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 7016

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7016 BOURNS-7016 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
Trumeter Technologies
7016 TRUMETER-7016 Datasheet
316Kb / 1P
6 digit LCD electronic totalising counter
logo
Time Electronics Ltd.
7016 TIME-ELECTRONICS-7016 Datasheet
538Kb / 2P
7016 Regulated Low Pressure Calibrator
06/22
logo
Amphenol Corporation
7016-0056 AMPHENOL-7016-0056 Datasheet
64Kb / 1P
2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
7016-0056-0057 AMPHENOL-7016-0056-0057 Datasheet
64Kb / 1P
2.4MM PLUG TO 2.4MM PLUG FOR FLEXIBLE 횠.047 CABLE ASSEMBLY
More results

Similar Description - 7016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
TT Electronics.
DS1561 TTELEC-DS1561 Datasheet
312Kb / 1P
2 Way Direct Acting
DS1571 TTELEC-DS1571 Datasheet
312Kb / 1P
3 Way Direct Acting
DS1591 TTELEC-DS1591 Datasheet
309Kb / 1P
Servo-Acting Valve
logo
Festo Corporation.
8114698 FESTO-8114698 Datasheet
76Kb / 2P
Solenoid valve
8114684 FESTO-8114684 Datasheet
77Kb / 2P
Solenoid valve
8122783 FESTO-8122783 Datasheet
99Kb / 2P
Solenoid valve
8114566 FESTO-8114566 Datasheet
86Kb / 2P
Solenoid valve
4/5/22
8141528 FESTO-8141528 Datasheet
97Kb / 2P
Solenoid valve
6/26/22
logo
List of Unclassifed Man...
FAB ETC-FAB Datasheet
575Kb / 22P
Discrete direct acting 2 port solenoid valve for compressed air, manifold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com