Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7016 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 7016
Description  3/2-way solenoid valve, direct-acting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7016 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 7016 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Type 7016
11 | 17
Visit product website 
6.4. Mounting bracket (Quick-Clip)
Note:
Dimensions in mm
52
42
28
R2.25
6.2
16.6
9.5
Pins for 2 locking positions
t= 1.25
7.
Device/Process connections
7.1. Pin assignment
The flow of the valve Type 7016 is in circuit function A (standard, normally closed) below the seat. This connection the pressure inlet (NC)
and is marked with Y. The exhaust (NO) is located at the stopper (M5 connection). The pin assignment can also be found on the type label
with “Y=Inlet”.
8.
Performance specifications
8.1. Power consumption
Standard version with flat pin terminal, coil size 24.5 mm
Coil
Orifice
Electrical power consumption
Switching times 1.)
Pressure input (NC)
Ventilation (NO)
DC
Opening
Closing
[mm]
[mm]
Cold [W]
Hot [W]
[ms]
[ms]
24 V / DC / 7 W
1.6
1.2
7
5.5
8…15
15…20
2.0
2.7
1.) Measurement at + 20 °C, nominal pressure 2.) at the valve outlet acc. to DIN ISO 12238:2001, opening: pressure build-up 0…10 %, closing: pressure reduction 100…90 %
2.) Pressure data: overpressure to atmospheric pressure and air as a medium



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com