Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7016 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 7016
Description  3/2-way solenoid valve, direct-acting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7016 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 7016 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 7016 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Type 7016
7 | 17
Visit product website 
5.
Materials
5.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start chemical resistance check
5.2. Material specifications
Flange version
1
2
3
4
7
8
9
6
5
11
13
10
12
8
No. Element
Material
1
Pushover plate
Stainless steel 1.4310
2
Retaining plate
Stainless steel 1.4301
3
Stopper 1.)
Stainless steel 1.4113
4
Core 1.)
Stainless steel 1.4113
5
Guide tube 1.)
Stainless steel 1.4303
6
Sealing ring 1.)
EPDM
7
Spring 1.)
Stainless steel 1.4310
8
Seal 1.)
FKM/EPDM
9
O-ring 1.)
EPDM
10
Fluid housing 1.)
PPS
11
Union nut to bayonet fitting
PA
12
Anti-twist plate
Stainless steel 1.4310
13
Coil
Epoxy
1.) in contact with medium
Push-in version
1
2
3
4
7
8
9
6
5
11
13
10
12
8
No. Element
Material
1
Pushover plate
Stainless steel 1.4310
2
Retaining plate
Stainless steel 1.4301
3
Stopper 1.)
Stainless steel 1.4113
4
Core 1.)
Stainless steel 1.4113
5
Guide tube 1.)
Stainless steel 1.4303
6
Sealing ring 1.)
EPDM
7
Spring 1.)
Stainless steel 1.4310
8
Seal 1.)
FKM/EPDM
9
O-ring 1.)
EPDM
10
Fluid housing 1.)
PPS
11
Union nut to bayonet fitting
PA
12
Anti-twist plate
Stainless steel 1.4310
13
Coil
Epoxy
1.) in contact with medium



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com