Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTD3011R Datasheet(PDF) 4 Page - BASIC SEMICONDUCTOR

Part # BTD3011R
Description  Single-Channel Isolated Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD3011R Datasheet(HTML) 4 Page - BASIC SEMICONDUCTOR

  BTD3011R Datasheet HTML 1Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 2Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 9Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.basicsemi.com
4/15
Rev.0.1
Single-ChannelIsolatedGateDriver
BTD3011x
NO.
NAME TYPE(1)
DESCRIPTION
PACKAGE
1
VCC
P
Primary-side supply voltage
2
GND
G
Primary side ground
3
IN+
I
Non-inverted input
4
IN-
I
Inverted input
5
FAULT
O
Fault state output
6
NC
-
No internal connection
7
NC
-
No internal connection
8
GND
G
Primary side ground
9
NC
G
No internal connection
10
VEE
G
Connected to IGBT emitter/MOSFET source
11
DESAT
I
Desaturation monitoring voltage input
12
VGXX
P
Bootstrap and charge pump supply voltage source
13
OUTH
O
Driver output turn-on connection
14
VISO
P
Secondary-side positive power supply rail
15
COM
P
Secondary-side negative power supply rail
16
OUTL
O
Driver output turn-off connection
(1) P=Power, G=Ground, I=Input, O=Output
VCC
GND
IN+
IN-
VISO
COM
OUTL
FAULT
NC
NC
GND
NC
VEE
DESAT
1
2
3
4
16
15
14
BTD3011
5
6
7
8
11
10
9
VGXX
OUTH
13
12
6.PinConfigurationandFunctions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com