Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTD3011R Datasheet(PDF) 10 Page - BASIC SEMICONDUCTOR

Part # BTD3011R
Description  Single-Channel Isolated Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD3011R Datasheet(HTML) 10 Page - BASIC SEMICONDUCTOR

Back Button BTD3011R Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 13Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 14Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.basicsemi.com
10/15
Rev.0.1
Single-ChannelIsolatedGateDriver
BTD3011x
9.4UndervoltageLockOutProtection
The primary-side power supply, the secondary-side positive and negative power supply of the BTD3011x have an under-
voltage lockout (UVLO) protection to prevent the occurrence of insufficient gate drive voltage. When the power supply
voltage falls below the protection threshold, the driver IC will turn off the output to protect the power semiconductor
device. When the power supply voltage returns to the recovery threshold, it resumes the output. To prevent repeated
actions near the protection threshold, a hysteresis is applied. In order to avoid undetermined output state after pow-
er-on, the chip will first enter the undervoltage protection state, with the output pin OUTH in high-impedance state and
OUTL in low-level until the power supply voltage is completely established and then start working.
9.5ShortCircuitProtectionandSoftShutDown
BTD3011x’s secondary side integrates desaturation short-circuit protection. When there is a short-circuit current flow-
ing through the CE/DS terminals of the IGBT/MOSFET during the turn-on transient, the forward voltage rises steeply,
resulting in a sharp increase in the instantaneous power consumption of the IGBT/MOSFET and overheating damage
to the IGBT/MOSFET. The voltage between CE/DS can be detected by the DESAT pin. When the voltage at the DESAT pin
exceeds the fault threshold voltage, the driver output pin immediately shuts down the power device by means of soft
shutdown (SSD), the FAULT pin is pulled down to GND to assert a fault. When the power device is turned off, the MOSFET
QCE is turned on so that DESAT is shorted to COM to ensure that short-circuit protection will not be triggered. When the
power device is turned on, QCE is turned off.
As the short circuit current is much higher than that during normal operation, to shut it down, a large di/dt can be gen-
erated, resulting in a high voltage spike. To effectively avoid the voltage spike, the driver activates a specific circuit after
a short-circuit is detected, which samples and compares the gate voltage to a pre-configured soft transient reference, so
that the device is shut down in a soft way.
Figure5.Shortcircuitprotectioncircuit
Figure6.Experimentalwaveformofsoftshutdown
9.4InputandOutputLogicTable
DESAT
REF
-
+
Protection
Logic
COM
QCE
IN+
IN-
OUTH
OUTL
H
L
H
Hi-Z
H
H
Hi-Z
L
L
L
Hi-Z
L
L
H
Hi-Z
L
Hi-Z:High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com