Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTD3011R Datasheet(PDF) 11 Page - BASIC SEMICONDUCTOR

Part # BTD3011R
Description  Single-Channel Isolated Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD3011R Datasheet(HTML) 11 Page - BASIC SEMICONDUCTOR

Back Button BTD3011R Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 13Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 14Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 15Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.basicsemi.com
11/15
Rev.0.1
Single-ChannelIsolatedGateDriver
BTD3011x
10.Applications
The following sections introduce the basic typical application of BASiC driver ICs, which is for reference only. In practical
application, users need to verify and test its applicability according to their own design requirements to confirm the sys-
tem functions.
10.1InputandFAULTPins
Depending on the input voltage level of the input, a resistor divider can be used. When 5V logic PWM signal is used as
input, it is recommended that R1=100Ω and R2=47kΩ. In order to improve the immunity to high-frequency interference,
it is recommended that a filtering capacitor CF=100pF be connected to GND, the effects of high-frequency interference
and delay should be taken into consideration in selecting this parameter. The FAULT pin adopts open drain output, it is
necessary to connect a pull-up resistor RSO to the power supply VCC, it is recommended that RSO=4.7kΩ.
10.2PowerSupplyPins
In order to ensure the stability of power supply, it is recommended to add suitable block capacitors between power
supply pin and ground: capacitors C1=4.7uF and C2=470nF in parallel between the primary power supply VCC-GND, two
capacitors CS21=CS22=4.7μF in parallel between the secondary power supply VISO-VEE, two capacitors CS21=CS22=4.7uF in
parallel between the secondary power supply VEE-COM. Typically the capacitance of CS21+CS22 and CS21+ CS22 should be
at least 3μF corresponds to 1uC total gate charge (QGATE). A charge pump circuit is integrated on the secondary side, a
bootstrap capacitor needs to be connected between VGxx to OUTH with CGXX=10nF .
10.3 DriveOutputPins
The gate of the power device is connected to the OUTH pin via the turn-on resistor RGON and to the OUTL pin via the turn-
off resistor RGOFF. In any case, the power consumption and temperature of the gate resistor need to be taken into account
properly.
To ensure a stable gate voltage and to limit the collector or drain current during a short circuit, the gate is connected to
the VISO pin via a Schottky diode DSTO (e.g. PMEG4010).
To avoid false conduction of the power devices during system power-up, a pull-down resistor RDIS = 10 kΩ can be
connected between the gate and the COM pin.
10.4 DESATPin
DESAT short-circuit protection can be achieved using either diode or resistor string. Figure 7 shows the use of diodes
DVCE1 and DVCE2 for power device short-circuit desaturation detection. To ensure electrical insulation, two SMD package
diodes (e.g., STTH212U) are typically used. the DESAT pin is connected to the VISO pin via resistor RRES. When the power
device is on, the current from the power supply VISO flows through RRES, the diodes and the power device into the
VEE pin. At power device short-circuit desaturation, the diodes switch off and VISO charges CRES through RRES. In this
configuration, the short circuit response time is determined by RRES and CRES. CRES=33~330pF and RRES=24~62kΩ are
typically selected. Both CRES and RRES can be adjusted if the desaturation is too sensitive or the short circuit duration is
too long.
Figure 8 uses resistors RVCE2-RVCE11 to detect short-circuit desaturation of power devices, the resistor value of RVCE2-RVCE11
should be selected so that the current flowing through the resistor is limited to between 0.6mA and 0.8mA under the
maximum DC bus voltage. E.g. the total resistance value of RVCE2-RVCE11 should be approximately 1M for a 1200 V power
device, with all resistors having a value of 100kΩ and in a 1206 package. In each case, the resistor string need to ensure
sufficiently wide creepage distances and electrical clearances. Low leakage current diodes DCL (e.g., BAS416) can keep
the short-circuit response time stable over a wide range of DC bus voltages. The response time can be set by RVCE and
CRES (typical values are 120kΩ and 33pF for 1200V devices, respectively). CRES can be increased if short circuit detection
is too sensitive. The maximum short circuit duration must be limited to the maximum value specified in the device
datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com