Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTD3011R Datasheet(PDF) 6 Page - BASIC SEMICONDUCTOR

Part # BTD3011R
Description  Single-Channel Isolated Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD3011R Datasheet(HTML) 6 Page - BASIC SEMICONDUCTOR

Back Button BTD3011R Datasheet HTML 2Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 10Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.basicsemi.com
6/15
Rev.0.1
Single-ChannelIsolatedGateDriver
BTD3011x
SYMBOL
PARAMETER
TESTCONDITIONS
MIN TYP MAX UNIT
SUPPLYCURRENTS
IVCC Primary side quiescent current
VIN=0V
-
-
17 mA
IVISO Secondary side quiescent current
VIN=0V
-
-
15
PRIMARYSIDEUNDERVOLTAGELOCKOUT
VON1 Primary side position supply voltage monitoring
threshold
Clear fault
-
4.3 4.65
V
VOFF1
Set fault
3.85 4.2
-
VUV, HYS1
Hysteresis
-
0.1
-
SECONDARYSIDEPOWERSUPPLY
VISO(HS) Secondary side positive supply voltage regulation 21V ≤ VISO≤ 30V, |IVEE| ≤ 1.5mA
14.5 15 15.5
V
UVLOVISO Secondary side positive supply voltage
monitoring threshold
Clear fault
- 13.2 14.2
Set fault
11.2 12.2 -
Hysteresis
-
1.0
-
UVLOVEE Secondary side negative supply voltage
monitoring threshold
Clear fault
- 4.92 5.5
Set fault
4.67 4.90 -
Hysteresis
- 0.02 -
IVEE+ VEE source capability
VTOT=15V, VEE-COM=0V
-
0.2
-
mA
VTOT=25V, VEE-COM=7.5V
-
3
-
IVEE- VEE sink capability
VTOT=25V, VEE-COM=12.5V
-
-3
-
INPUTCHARACTERISTICS
VIH Positive-going input threshold voltage (IN+, IN-) -
1.7 2.0 2.3
V
VIL Negative-going input threshold voltage (IN+, IN-) -
1.4 1.6 1.8
VIN_HYS Input hysteresis voltage
-
0.1
-
-
IIH High-level input leakage at IN+
INx=VCC
56 113 165 µA
OUTPUTCHARACTERISTICS
IOH Peak output source current
IN+=HIGH, IN-=LOW
-
15
-
A
IOL Peak output sink current
IN+=LOW, IN-=HIGH
-
-15
-
VISO-VOH Output voltage at high state (OUTx, OUTHx)
IOUT=20mA, IN+=HIGH, IN-=LOW
-
- 0.04 V
VOL-COM Output voltage at low state (OUTx, OUTLx)
IOUT=-20mA, IN+=LOW, IN-=HIGH
-
- 0.04
RGHI Turn-on internal gate resistance
I(GH)=250mA, VIN+=5V
-
0.3 1.2 Ω
RLHI Turn-off internal gate resistance
I(GL)=-250mA, VIN+=0V
- 0.25 1.1
SHORTCIRCUITPROTECTION
VDESAT DESAT detection level
DESAT-VEE, VIN+=5V
9.5 10.5 11.5 V
IDESAT DESAT sink current
VDESAT=10V, VIN+=0V
4.5 5.5 6.5 mA
IDES(BS) DESAT bias current
VVCE-VVEE=4.5V, VIN+=5V
-
-
1 µA
SWITCHINGPARAMETERS
tPLH Propagation delay from INx to OUTx rising edges CL=100pF
180 280 380
ns
tPHL Propagation delay from INx to OUTx falling edges CL=100pF
200 287 359
tr Output rise time
CL=10nF
-
50 100
tf Output fall time
CL=10nF
-
50 100
tFAULT Faults propagation delay
-
-
190 750
tFAULT-pw Fault signal pulse width
-
6.8 10 13.4 µs
tFSSD1 ASSD rate of change
VGE from 14.5V to 14V
60
ns
tFSSD2
VGE from 14.5V to 2.5V
1750 2760 3800
CMTI Common-mode transient immunity
INx fixed to GND or VCC, VCM=1500V -
150
- kV/µs
7.4ElectricalCharacteristics
TA=-40~125℃,VCC=3.3 or 5V,VISO=25V,CL=100pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com