Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTD3011R Datasheet(PDF) 9 Page - BASIC SEMICONDUCTOR

Part # BTD3011R
Description  Single-Channel Isolated Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD3011R Datasheet(HTML) 9 Page - BASIC SEMICONDUCTOR

Back Button BTD3011R Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 12Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 13Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.basicsemi.com
9/15
Rev.0.1
Single-ChannelIsolatedGateDriver
BTD3011x
9.1InputCharacteristic
The BTD3011x input pins are completely galvanic isolated from the secondary side. It adopts TTL level compatible
design and supports 3.3V and 5V level inputs, which makes the chip easy to be controlled by a variety of micro
controllers. Internal filtering circuit and input signal high/low level hysteresis are provided to improve the interference-
immunity. The logic input pin IN+ has internal pull-down and IN- has internal pull-up, which ensures that the output
pin OUTH is in a high impedance and OUTL is low when the chip is powered on, preventing the power devices from
malfunctioning.
9.2DriveOutputCharacteristic
The BTD3011x output stage utilizes rail-to-rail output. Both the high side and low side switches use NMOS for high
current output capability. In order to drive the high side NMOS, bootstrap power supply is used. It is necessary to
connect a capacitor CGXX between the OUTH pin and the VGXX pin.
Figure3.DualNMOSdriveoutput
9.3SecondarySideVoltageRegulator
BTD3011x integrates a voltage regulator for secondary side supply internally, and automatically assigns positive and
negative voltages according to the full voltage (VISO-COM) which is provided externally.
1) VISO-COM ≤ 14V: The voltage is assigned to both positive and negative supply to ensure that the IGBT gate have
negative drive voltage available during power on.
2) 14V < VISO-COM ≤17V: The positive supply voltage at is kept 11.3V and the excess voltage is assigned to the negative
supply.
3) 17V< VISO-COM ≤21V: The negative supply voltage is kept at 5.3V and the excess voltage is assigned to the positive
supply.
4) 21V <VISO-COM: The positive voltage is maintained at 15V, the excess voltage is assigned to the negative supply.
If the source or sink current of the VEE pin exceeds the limitation 3mA, VEE transits to constant current output mode and
the voltage regulation is lost. Please avoid overload.
Figure4.Voltageregulationcharacteristic
9.FunctionDescription
VISO-COM
VISO-VEE
COM-VEE
-5.3V
11.3V
15V
0V
14V
16.6V
20.3V
25V
-10V
-2.7V
0V
0V
VISO
COM
VGXX
OUTH
OUTL
Charge Pump
Low side
Logic circuit
High side
Logic circuit
CGXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com