Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTD3011R Datasheet(PDF) 7 Page - BASIC SEMICONDUCTOR

Part # BTD3011R
Description  Single-Channel Isolated Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD3011R Datasheet(HTML) 7 Page - BASIC SEMICONDUCTOR

Back Button BTD3011R Datasheet HTML 3Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 11Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.basicsemi.com
7/15
Rev.0.1
Single-ChannelIsolatedGateDriver
BTD3011x
Symbol
PARAMETER
TESTCONDITIONS
MIN TYP MAX UNIT
CLR External clearance
-
8.5
-
- mm
CPG External creepage
-
8.5
-
-
DTI Distance through the insulation
-
21
-
- µm
CTI Comparative tracking index
DIN EN 60112
600
-
-
V
- Overvoltage category per IEC 60664-1 Voltage rating ≤600Vrms
I-III
-
-
-
Voltage rating ≤1000Vrms
I-II
-
-
DINVVDE0884-11
CIO Barrier capacitance, input to output
VIO=0.4Vrms, f=1MHz, sine wave
-
1.2
-
pF
RIO Isolation resistance, input to output
Test voltage of 500V, TA=25℃
1012
-
-
Ω
Test voltage of 500V, 100℃≤TA≤125℃
1011
-
-
Test voltage of 500V, TA=150℃
109
-
-
- Pollution degree
-
-
2
-
-
UL1577
VISO Withstand isolation voltage
VTEST=VISO, t=60 sec(qualification);
VTEST=1.2×VISO, t=1 sec(100% production)
- 5000 - Vrms
7.5SAFETYPARAMETERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com