Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTD3011R Datasheet(PDF) 8 Page - BASIC SEMICONDUCTOR

Part # BTD3011R
Description  Single-Channel Isolated Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

BTD3011R Datasheet(HTML) 8 Page - BASIC SEMICONDUCTOR

Back Button BTD3011R Datasheet HTML 4Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 5Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 6Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 7Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 8Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 9Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 10Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 11Page - BASIC SEMICONDUCTOR BTD3011R Datasheet HTML 12Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.basicsemi.com
8/15
Rev.0.1
Single-ChannelIsolatedGateDriver
BTD3011x
8.1PropagationDelay
Figure1.InputandOutputPropagationDelay
8.2CMTI
Figure2.SimplifiedconfigurationofCMTItest
8.ParameterTesting
IN-
OUTH
0V
90%
IN+
OUTL
50%
10%
50%
tr
tf
tPLH
tPHL
IN-
OUTH
VCC2
90%
IN+
OUTL
50%
10%
50%
tr
tf
tPLH
tPHL
IN-
OUTH
0V
90%
IN+
OUTL
50%
10%
50%
tr
tf
tPLH
tPHL
IN-
OUTH
VCC
90%
IN+
OUTL
50%
10%
50%
tr
tf
tPLH
tPHL
DESAT
OUTH
OUTL
VISO
COM
VEE
VCC
GND
IN+
IN-
FAULT
DC
+
-
DC
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com