Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60-I/SP Datasheet(PDF) 46 Page - Microchip Technology

Part # ENC28J60-I/SP
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-I/SP Datasheet(HTML) 46 Page - Microchip Technology

Back Button ENC28J60-I/SP Datasheet HTML 42Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 43Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 44Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 45Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 46Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 47Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 48Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 49Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 96 page
background image
ENC28J60
DS39662B-page 44
Preliminary
© 2006 Microchip Technology Inc.
TABLE 7-3:
RECEIVE STATUS VECTORS
7.2.3
READING RECEIVED PACKETS
To process the packet, the host controller will normally
use the RBM SPI command and start reading from the
beginning of the next Packet Pointer. The host controller
will save the next Packet Pointer, any necessary bytes
from the receive status vector and then proceed to read
the actual packet contents. If ECON2.AUTOINC is set, it
will be able to sequentially read the entire packet without
ever modifying the ERDPT registers. The Read Pointer
would automatically wrap at the end of the circular
receive buffer to the beginning.
In the event that the application needed to do random
access to the packet, it would be necessary to manu-
ally calculate the proper ERDPT, taking care to not
exceed the end of the receive buffer if the packet spans
the ERXND-to-ERXST buffer boundary. In other words,
given the packet start address and a desired offset, the
application
should
follow
the
logic
shown
in
Example 7-1.
EXAMPLE 7-1:
RANDOM ACCESS ADDRESS CALCULATION
Bit
Field
Description
31
Zero
0
30
Receive VLAN Type Detected
Current frame was recognized as a VLAN tagged frame.
29
Receive Unknown Opcode
Current frame was recognized as a control frame but it contained an
unknown opcode.
28
Receive Pause Control Frame
Current frame was recognized as a control frame containing a valid pause
frame opcode and a valid destination address.
27
Receive Control Frame
Current frame was recognized as a control frame for having a valid
type/length designating it as a control frame.
26
Dribble Nibble
Indicates that after the end of this packet, an additional 1 to 7 bits were
received. The extra bits were thrown away.
25
Receive Broadcast Packet
Indicates packet received had a valid broadcast address.
24
Receive Multicast Packet
Indicates packet received had a valid multicast address.
23
Received Ok
Indicates that at the packet had a valid CRC and no symbol errors.
22
Length Out of Range
Indicates that frame type/length field was larger than 1500 bytes (type field).
21
Length Check Error
Indicates that frame length field value in the packet does not match the
actual data byte length and specifies a valid length.
20
CRC Error
Indicates that frame CRC field value does not match the CRC calculated
by the MAC.
19
Reserved
18
Carrier Event Previously Seen
Indicates that at some time since the last receive, a carrier event was
detected. The carrier event is not associated with this packet. A carrier
event is activity on the receive channel that does not result in a packet
receive attempt being made.
17
Reserved
16
Long Event/Drop Event
Indicates a packet over 50,000 bit times occurred or that a packet was
dropped since the last receive.
15-0
Received Byte Count
Indicates length of the received frame. This includes the destination
address, source address, type/length, data, padding and CRC fields. This
field is stored in little-endian format.
if Packet Start Address + Offset > ERXND, then
ERDPT = Packet Start Address + Offset – (ERXND – ERXST + 1)
else
ERDPT = Packet Start Address + Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com