Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60-I/SP Datasheet(PDF) 77 Page - Microchip Technology

Part # ENC28J60-I/SP
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-I/SP Datasheet(HTML) 77 Page - Microchip Technology

Back Button ENC28J60-I/SP Datasheet HTML 73Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 74Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 75Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 76Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 77Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 78Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 79Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 80Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 75
ENC28J60
15.0
BUILT-IN SELF-TEST
CONTROLLER
The ENC28J60 features a Built-in Self-Test (BIST)
module which is designed to confirm proper operation
of each bit in the 8-Kbyte memory buffer. Although it is
primarily useful for testing during manufacturing, it
remains present and available for diagnostic purposes
by the user. The controller writes to all locations in the
buffer memory and requires several pieces of hardware
shared by normal Ethernet operations. Thus, the BIST
should only be used on Reset or after necessary
hardware is freed. When the BIST is used, the ECON1
register’s DMAST, RXEN and TXRTS bits should all be
clear.
The BIST controller is operated through four registers:
• EBSTCON register (control and status register)
• EBSTSD register (fill seed/initial shift value)
• EBSTCSH and EBSTCSL registers (high and low
bytes of generated checksum)
The EBSTCON register (Register 15-1) controls the
module’s overall operation, selecting the testing modes
and starting the self-test process. The bit pattern for
memory tests is provided by the EBSTSD seed regis-
ter; its content is either used directly, or as the seed for
a pseudo-random number generator, depending on the
Test mode.
REGISTER 15-1:
EBSTCON: ETHERNET SELF-TEST CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PSV2
PSV1
PSV0
PSEL
TMSEL1
TMSEL0
TME
BISTST
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
PSV2:PSV0: Pattern Shift Value bits
When TMSEL<1:0> = 10:
The bits in EBSTSD will shift left by this amount after writing to each memory location.
When TMSEL<1:0> = 00, 01 or 11:
This value is ignored.
bit 4
PSEL: Port Select bit
1
= DMA and BIST modules will swap ports when accessing the memory
0
= Normal configuration
bit 3-2
TMSEL1:TMSEL0: Test Mode Select bits
11
= Reserved
10
= Pattern shift fill
01
= Address fill
00
= Random data fill
bit 1
TME: Test Mode Enable bit
1
= Enable Test mode
0
= Disable Test mode
bit 0
BISTST: Built-in Self-Test Start/Busy bit
1
= Test in progress; cleared automatically when test is done
0
= No test running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com