Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60-I/SP Datasheet(PDF) 84 Page - Microchip Technology

Part # ENC28J60-I/SP
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-I/SP Datasheet(HTML) 84 Page - Microchip Technology

Back Button ENC28J60-I/SP Datasheet HTML 80Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 81Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 82Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 83Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 84Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 85Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 86Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 87Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 96 page
background image
ENC28J60
DS39662B-page 82
Preliminary
© 2006 Microchip Technology Inc.
FIGURE 16-1:
SPI INPUT TIMING
FIGURE 16-2:
SPI OUTPUT TIMING
TABLE 16-6:
SPI INTERFACE AC CHARACTERISTICS
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
FSCK
Clock Frequency
DC
20
MHz
1TCSS
CS Setup Time
50
—
ns
2TCSH
CS Hold Time
10
—
ns
ETH registers and memory buffer
210
—
ns
MAC and MII registers
3TCSD
CS Disable Time
50
—
ns
4TSU
Data Setup Time
10
—
ns
5THD
Data Hold Time
10
—
ns
6TV
Output Valid from Clock Low
—
10
ns
SO Load = 30 pF
7TDIS
Output Disable Time
—
10
ns
SO Load = 30 pF
TCSS
CS
SCK
SI
SO
TSU THD
1/FSCK
MSb In
LSb In
High-Impedance
TCSH
TCSD
CS
SCK
SI
SO
1/FSCK
LSb In
Don’t Care
MSb Out
TV
TV
LSb Out
TDIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com