Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60-I/SP Datasheet(PDF) 15 Page - Microchip Technology

Part # ENC28J60-I/SP
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-I/SP Datasheet(HTML) 15 Page - Microchip Technology

Back Button ENC28J60-I/SP Datasheet HTML 11Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 12Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 13Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 14Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 15Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 16Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 17Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 18Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 13
ENC28J60
TABLE 3-2:
ENC28J60 CONTROL REGISTER SUMMARY
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value
on
Reset
Details
on
Page
EIE
INTIE
PKTIE
DMAIE
LINKIE
TXIE
r
TXERIE
RXERIE
0000 0000
65
EIR
—
PKTIF
DMAIF
LINKIF
TXIF
r
TXERIF
RXERIF
-000 0000
66
ESTAT
INT
BUFER
r
LATECOL
—
RXBUSY
TXABRT
CLKRDY(1)
0000 -000
64
ECON2
AUTOINC
PKTDEC
PWRSV
r
VRPS
—
—
—
1000 0---
16
ECON1
TXRST
RXRST
DMAST
CSUMEN
TXRTS
RXEN
BSEL1
BSEL0
0000 0000
15
ERDPTL
Read Pointer Low Byte ERDPT<7:0>)
1111 1010
17
ERDPTH
—
—
—
Read Pointer High Byte (ERDPT<12:8>)
---0 0101
17
EWRPTL
Write Pointer Low Byte (EWRPT<7:0>)
0000 0000
17
EWRPTH
—
—
—
Write Pointer High Byte (EWRPT<12:8>)
---0 0000
17
ETXSTL
TX Start Low Byte (ETXST<7:0>)
0000 0000
17
ETXSTH
—
—
—
TX Start High Byte (ETXST<12:8>)
---0 0000
17
ETXNDL
TX End Low Byte (ETXND<7:0>)
0000 0000
17
ETXNDH
—
—
—
TX End High Byte (ETXND<12:8>)
---0 0000
17
ERXSTL
RX Start Low Byte (ERXST<7:0>)
1111 1010
17
ERXSTH
—
—
—
RX Start High Byte (ERXST<12:8>)
---0 0101
17
ERXNDL
RX End Low Byte (ERXND<7:0>)
1111 1111
17
ERXNDH
—
—
—
RX End High Byte (ERXND<12:8>)
---1 1111
17
ERXRDPTL
RX RD Pointer Low Byte (ERXRDPT<7:0>)
1111 1010
17
ERXRDPTH
—
—
—
RX RD Pointer High Byte (ERXRDPT<12:8>)
---0 0101
17
ERXWRPTL
RX WR Pointer Low Byte (ERXWRPT<7:0>)
0000 0000
17
ERXWRPTH
—
—
—
RX WR Pointer High Byte (ERXWRPT<12:8>)
---0 0000
17
EDMASTL
DMA Start Low Byte (EDMAST<7:0>)
0000 0000
71
EDMASTH
—
—
—
DMA Start High Byte (EDMAST<12:8>)
---0 0000
71
EDMANDL
DMA End Low Byte (EDMAND<7:0>)
0000 0000
71
EDMANDH
—
—
—
DMA End High Byte (EDMAND<12:8>)
---0 0000
71
EDMADSTL
DMA Destination Low Byte (EDMADST<7:0>)
0000 0000
71
EDMADSTH
—
—
—
DMA Destination High Byte (EDMADST<12:8>)
---0 0000
71
EDMACSL
DMA Checksum Low Byte (EDMACS<7:0>)
0000 0000
72
EDMACSH
DMA Checksum High Byte (EDMACS<15:8>)
0000 0000
72
EHT0
Hash Table Byte 0 (EHT<7:0>)
0000 0000
52
EHT1
Hash Table Byte 1 (EHT<15:8>)
0000 0000
52
EHT2
Hash Table Byte 2 (EHT<23:16>)
0000 0000
52
EHT3
Hash Table Byte 3 (EHT<31:24>)
0000 0000
52
EHT4
Hash Table Byte 4 (EHT<39:32>)
0000 0000
52
EHT5
Hash Table Byte 5 (EHT<47:40>)
0000 0000
52
EHT6
Hash Table Byte 6 (EHT<55:48>)
0000 0000
52
EHT7
Hash Table Byte 7 (EHT<63:56>)
0000 0000
52
EPMM0
Pattern Match Mask Byte 0 (EPMM<7:0>)
0000 0000
51
EPMM1
Pattern Match Mask Byte 1 (EPMM<15:8>)
0000 0000
51
EPMM2
Pattern Match Mask Byte 2 (EPMM<23:16>)
0000 0000
51
EPMM3
Pattern Match Mask Byte 3 (EPMM<31:24>)
0000 0000
51
EPMM4
Pattern Match Mask Byte 4 (EPMM<39:32>)
0000 0000
51
EPMM5
Pattern Match Mask Byte 5 (EPMM<47:40>)
0000 0000
51
EPMM6
Pattern Match Mask Byte 6 (EPMM<55:48>)
0000 0000
51
EPMM7
Pattern Match Mask Byte 7 (EPMM<63:56>)
0000 0000
51
Legend:
x
= unknown, u = unchanged, — = unimplemented, q = value depends on condition, r = reserved, do not modify.
Note
1:
CLKRDY resets to ‘0’ on Power-on Reset but is unaffected on all other Resets.
2:
EREVID is a read-only register.
3:
ECOCON resets to ‘---- -100’ on Power-on Reset and ‘---- -uuu’ on all other Resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com