Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60-I/SP Datasheet(PDF) 83 Page - Microchip Technology

Part # ENC28J60-I/SP
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-I/SP Datasheet(HTML) 83 Page - Microchip Technology

Back Button ENC28J60-I/SP Datasheet HTML 79Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 80Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 81Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 82Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 83Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 84Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 85Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 86Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 81
ENC28J60
TABLE 16-1:
AC CHARACTERISTICS: ENC28J60 (INDUSTRIAL AND COMMERCIAL)
TABLE 16-2:
OSCILLATOR TIMING CHARACTERISTICS
TABLE 16-3:
RESET AC CHARACTERISTICS
TABLE 16-4:
CLKOUT PIN AC CHARACTERISTICS
TABLE 16-5:
REQUIREMENTS FOR EXTERNAL MAGNETICS
AC CHARACTERISTICS
Standard Operating Conditions
-40°C
≤ TA ≤ +85°C, 3.10V ≤ VDD ≤ 3.60V (Industrial)
0°C
≤ TA ≤ +70°C, 3.10V ≤ VDD ≤ 3.60V (Commercial)
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
FOSC
Clock In Frequency
25
25
MHz
TOSC
Clock In Period
40
40
ns
TDUTY
Duty Cycle
(external clock input)
40
60
%
Δf
Clock Tolerance
—
±50
ppm
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
trl
RESET Pin High Time
(between Reset events)
2—
μs
tRSTLOW
RESET Pin Low Time to
trigger Reset
400
—
ns
Param.
No.
Sym
Characteristic
Min
Max
Units
Conditions
thCLKOUT CLKOUT Pin High Time
16.5
—
ns
TDUTY = 50% (Note 1)
tlCLKOUT
CLKOUT Pin Low Time
16.5
—
ns
TDUTY = 50% (Note 1)
trCLKOUT
CLKOUT Pin Rise Time
—
3
ns
Measured from 0.1 VDD to
0.9 VDD, Load = 10 pF (Note 1)
tfCLKOUT
CLKOUT Pin Fall Time
—
4
ns
Measured from 0.9 VDD to
0.1 VDD, Load = 10 pF (Note 1)
Note 1:
CLKOUT prescaler is set to divide by one.
Parameter
Min
Norm
Max
Units
Conditions
RX Transformer Turns Ratio
—
1:1
—
—
TX Transformer Turns Ratio
—
1:1
—
—
Transformer Center Tap = 3.3V
Insertion Loss
0.0
0.6
1.1
dB
Primary Inductance
350
—
—
μH
8 mA bias
Transformer Isolation
—
1.5
—
kV
Differential to Common Mode Rejection
40
—
—
dB
0.1 to 10 MHz
Return Loss
-16
—
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com