Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60-I/SP Datasheet(PDF) 53 Page - Microchip Technology

Part # ENC28J60-I/SP
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-I/SP Datasheet(HTML) 53 Page - Microchip Technology

Back Button ENC28J60-I/SP Datasheet HTML 49Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 50Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 51Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 52Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 53Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 54Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 55Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 56Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 51
ENC28J60
8.1
Unicast Filter
The unicast receive filter checks the destination
address of all incoming packets. If the destination
address exactly matches the contents of the MAADR
registers, the packet will meet the unicast filter criteria.
8.2
Pattern Match Filter
The pattern match filter selects up to 64 bytes from the
incoming packet and calculates an IP checksum of the
bytes. The checksum is then compared to the EPMCS
registers. The packet meets the pattern match filter
criteria if the calculated checksum matches the EPMCS
registers. The pattern match filter may be useful for
filtering packets which have expected data inside them.
To use the pattern match filter, the host controller must
program the pattern match offset (EPMOH:EPMOL), all
of the pattern match mask bytes (EPMM7:EPMM0) and
the
pattern
match
checksum
register
pair
(EPMCSH:EPMCSL). The pattern match offset should
be loaded with the offset from the beginning of the des-
tination address field to the 64-byte window which will
be used for the checksum computation. Within the
64-byte window, each individual byte can be selectively
included or excluded from the checksum computation
by setting or clearing the respective bit in the pattern
match mask. If a packet is received which would cause
the 64 byte window to extend past the end of the CRC,
the filter criteria will immediately not be met, even if the
corresponding mask bits are all ‘0’. The pattern match
checksum registers should be programmed to the
checksum which is expected for the selected bytes.
The checksum is calculated in the same manner that
the
DMA
module
calculates
checksums
(see
Section 13.2 “Checksum Calculations”). Data bytes
which have corresponding mask bits programmed to ‘0’
are completely removed for purposes of calculating the
checksum, as opposed to treating the data bytes as
zero.
As an example, if the application wished to filter all
packets having a particular source MAC address of
00-04-A3-FF-FF-FF, it could program the pattern match
offset to 0000h and then set bits 6 and 7 of EPMM0 and
bits 0, 1, 2 and 3 of EPMM1 (assuming all other mask
bits are ‘0’). The proper checksum to program into the
EPMCS registers would be 0x5BFC. As an alternative
configuration, it could program the offset to 0006h and
set bits 0, 1, 2, 3, 4 and 5 of EPMM0. The checksum
would still be 5BFCh. However, the second case would
be less desirable as packets less than 70 bytes long
could never meet the pattern match criteria, even if
they would generate the proper checksum given the
mask configuration.
Another example of a pattern matching filter is
illustrated in Figure 8-3.
FIGURE 8-3:
SAMPLE PATTERN MATCH FORMAT
SA
EMPOH:EPMOL = 0006h
FCS
DA
Type/Length
Data
Bytes used for
Checksum Computation
EPMM7:EPMM0 = 0000000000001F0Ah
11 22 33 44 55 66 77 88 99 AA BB CC 00 5A
09 0A 0B 0C 0D . . . 40 . . . FE 45 23 01
Received
Data
Field
0 1 2 3 4 5
6 7 8 9 10 11
12 13
14 15 16 17 18 . . . 70 . . .
Byte #
64-byte Window used
for Pattern Match
Input Configuration:
Values used for Checksum Computation = {88h, AAh, 09h, 0Ah, 0Bh, 0Ch, 0Dh, 00h}
EPMCSH:EPMCSL = 563Fh
Note:
Received data is shown in hexadecimal. Byte numbers are shown in decimal format.
(00h padding byte added by hardware)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com