Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60-I/SP Datasheet(PDF) 95 Page - Microchip Technology

Part # ENC28J60-I/SP
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-I/SP Datasheet(HTML) 95 Page - Microchip Technology

Back Button ENC28J60-I/SP Datasheet HTML 88Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 89Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 90Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 91Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 92Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 93Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 94Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 95Page - Microchip Technology ENC28J60-I/SP Datasheet HTML 96Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 95 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 93
ENC28J60
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Device
ENC28J60:
Ethernet Controller w/SPI Interface
ENC28J60T: Ethernet Controller w/SPI Interface
(Tape and Reel)
Temperature
Range
I= -40
°C to +85°C (Industrial)
(SPDIP, SOIC and QFN packages only)
C= 0
°C to +70°C (Commercial)
(SSOP packages only)
Package
SP =
SPDIP (Skinny Plastic DIP)
SO =
SOIC (Plastic Small Outline)
SS =
SSOP (Plastic Shrink Small Outline)
ML =
QFN (Quad Flat No Lead)
Examples:
a)
ENC28J60-I/SP: Industrial temperature,
SPDIP package.
b)
ENC28J60-I/SO: Industrial temperature,
SOIC package.
c)
ENC28J60T-I/SO: Tape and Reel, Industrial
temperature, SOIC package.
d)
ENC28J60-C/SS: Commercial temperature,
SSOP package.
e)
ENC28J60T-C/SS: Tape and Reel, Comercial
temperature, SSOP package.
f)
ENC28J60-I/ML: Industrial temperature,
QFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com