Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL8109CHIP Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8109CHIP
Description  High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8109CHIP Datasheet(HTML) 3 Page - Analog Devices

  ADL8109CHIP Datasheet HTML 1Page - Analog Devices ADL8109CHIP Datasheet HTML 2Page - Analog Devices ADL8109CHIP Datasheet HTML 3Page - Analog Devices ADL8109CHIP Datasheet HTML 4Page - Analog Devices ADL8109CHIP Datasheet HTML 5Page - Analog Devices ADL8109CHIP Datasheet HTML 6Page - Analog Devices ADL8109CHIP Datasheet HTML 7Page - Analog Devices ADL8109CHIP Datasheet HTML 8Page - Analog Devices ADL8109CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
ADL8109CHIP
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 19
1 GH
z TO 2 GHz FREQUENCY RANGE
VDD = 5 V, IDQ = 110 mA, bias resistance (RBIAS) = 300 Ω, and TCASE = 25°C, unless otherwise noted.
Table 1. 1 GHz to 2 GHz Frequency Range Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
1
2
GHz
GAIN (S21)
12
14.5
dB
Gain Variation over Temperature
0.01
dB/°C
NOISE FIGURE
4.1
dB
RETURN LOSS
Input (S11)
9.6
dB
Output (S22)
14
dB
OUTPUT
OP1dB
15.9
dBm
Saturated Power (PSAT)
18.5
dBm
OIP3
28
dBm
Measurement taken at output power (POUT)
per tone = 4 dBm
Second-Order Intercept (OIP2)
37
dBm
Measurement taken at POUT per tone = 4 dBm
POWER ADDED EFFICIENCY (PAE)
9.4
%
Measured at PSAT
2 GH
z TO 18 GHz FREQUENCY RANGE
VDD = 5 V, IDQ= 110 mA, RBIAS = 300 Ω, and TCASE = 25°C, unless otherwise noted.
Table 2. 2 GHz to 18 GHz Frequency Range Specification
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
2
18
GHz
S21
14
15.5
dB
Gain Variation over Temperature
0.01
dB/°C
NOISE FIGURE
3.3
dB
RETURN LOSS
S11
12
dB
S22
19
dB
OUTPUT
OP1dB
14
16.6
dBm
PSAT
19.5
dBm
OIP3
29
dBm
Measurement taken at POUT per tone = 4 dBm
OIP2
38
dBm
Measurement taken at POUT per tone = 4 dBm
PAE
11.6
%
Measured at PSAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com