Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL8109CHIP Datasheet(PDF) 19 Page - Analog Devices

Part # ADL8109CHIP
Description  High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8109CHIP Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL8109CHIP Datasheet HTML 11Page - Analog Devices ADL8109CHIP Datasheet HTML 12Page - Analog Devices ADL8109CHIP Datasheet HTML 13Page - Analog Devices ADL8109CHIP Datasheet HTML 14Page - Analog Devices ADL8109CHIP Datasheet HTML 15Page - Analog Devices ADL8109CHIP Datasheet HTML 16Page - Analog Devices ADL8109CHIP Datasheet HTML 17Page - Analog Devices ADL8109CHIP Datasheet HTML 18Page - Analog Devices ADL8109CHIP Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Data Sheet
ADL8109CHIP
OUTLINE DIMENSIONS
©2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 19 of 19
TOP VIEW
(CIRCUIT SIDE)
SIDE VIEW
0.945
1.540
2
1
3
4
5
6
7
8
1.340
1.380
1.190
0.352
0.080
0.0825
0.040
0.190
1.300
0.780
0.780
0.069 × 0.069
(Pads 1, 2, 4, 6, 8)
0.069 × 0.149
(Pads 3 and 7)
0.069 × 0.229
0.150
0.330
0.100
Figure 51. 8-Pad Bare Die [CHIP]
C-8-30
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADL8109CHIP
−55°C to +125°C
8-Pad Bare Die [CHIP]
C-8-30
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com