Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL8109CHIP Datasheet(PDF) 4 Page - Analog Devices

Part # ADL8109CHIP
Description  High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8109CHIP Datasheet(HTML) 4 Page - Analog Devices

  ADL8109CHIP Datasheet HTML 1Page - Analog Devices ADL8109CHIP Datasheet HTML 2Page - Analog Devices ADL8109CHIP Datasheet HTML 3Page - Analog Devices ADL8109CHIP Datasheet HTML 4Page - Analog Devices ADL8109CHIP Datasheet HTML 5Page - Analog Devices ADL8109CHIP Datasheet HTML 6Page - Analog Devices ADL8109CHIP Datasheet HTML 7Page - Analog Devices ADL8109CHIP Datasheet HTML 8Page - Analog Devices ADL8109CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Data Sheet
ADL8109CHIP
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 19
18 GH
z TO 20 GHz FREQUENCY RANGE
VDD = 5 V, IDQ = 110 mA, RBIAS = 300 Ω, and TCASE = 25°C, unless otherwise noted.
Table 3. 18 GHz to 20 GHz Frequency Range Specification
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
18
20
GHz
S21
13.4
15.9
dB
Gain Variation over Temperature
0.01
dB/°C
NOISE FIGURE
4.4
dB
RETURN LOSS
S11
12.5
dB
S22
22.9
dB
OUTPUT
OP1dB
14
dBm
PSAT
18
dBm
OIP3
27.6
dBm
Measurement taken at POUT per tone = 4 dBm
OIP2
51
dBm
Measurement taken at POUT per tone = 4 dBm
PAE
9
%
Measured at PSAT
DC SPECIFICATIONS
RBIAS = 300 Ω and TCASE = 25°C, unless otherwise noted.
Table 4. DC Specification
Parameter
Min
Typ
Max
Unit
SUPPLY CURRENT
IDQ
110
mA
Amplifier Current (IDQ_AMP)
100
mA
RBIAS Current (IRBIAS)
10
mA
SUPPLY VOLTAGE
VDD
3
5
6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com