Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL8109CHIP Datasheet(PDF) 8 Page - Analog Devices

Part # ADL8109CHIP
Description  High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8109CHIP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL8109CHIP Datasheet HTML 4Page - Analog Devices ADL8109CHIP Datasheet HTML 5Page - Analog Devices ADL8109CHIP Datasheet HTML 6Page - Analog Devices ADL8109CHIP Datasheet HTML 7Page - Analog Devices ADL8109CHIP Datasheet HTML 8Page - Analog Devices ADL8109CHIP Datasheet HTML 9Page - Analog Devices ADL8109CHIP Datasheet HTML 10Page - Analog Devices ADL8109CHIP Datasheet HTML 11Page - Analog Devices ADL8109CHIP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
ADL8109CHIP
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 8 of 19
Figure 14. Input Return Loss vs. Frequency for Various IDQ Values,
VDD = 5 V
Figure 15. Output Return Loss vs. Frequency for Various VDD Values,
IDQ = 110 mA, RBIAS = 300 Ω
Figure 16. Reverse Isolation vs. Frequency for Various Temperatures,
VDD = 5 V, IDQ = 110 mA, RBIAS = 300 Ω
Figure 17. Output Return Loss vs. Frequency for Various Temperatures,
VDD = 5 V, IDQ = 110 mA, RBIAS = 300 Ω
Figure 18. Output Return Loss vs. Frequency for Various IDQ Values,
VDD = 5 V
Figure 19. Reverse Isolation vs. Frequency for Various VDD Values,
IDQ = 110 mA, RBIAS = 300 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com