Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL8109CHIP Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8109CHIP
Description  High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8109CHIP Datasheet(HTML) 1 Page - Analog Devices

  ADL8109CHIP Datasheet HTML 1Page - Analog Devices ADL8109CHIP Datasheet HTML 2Page - Analog Devices ADL8109CHIP Datasheet HTML 3Page - Analog Devices ADL8109CHIP Datasheet HTML 4Page - Analog Devices ADL8109CHIP Datasheet HTML 5Page - Analog Devices ADL8109CHIP Datasheet HTML 6Page - Analog Devices ADL8109CHIP Datasheet HTML 7Page - Analog Devices ADL8109CHIP Datasheet HTML 8Page - Analog Devices ADL8109CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
ADL8109CHIP
High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
High RF input power survivability: 36.5 dBm
►
Single positive supply (self-biased): 5 V with IDQ = 110 mA
►
RBIAS drain current adjustment pad
►
Low noise figure: 3.3 dB typical at 2 GHz to 18 GHz
►
High gain: 15.5 dB typical at 2 GHz to 18 GHz
►
High OIP3: 29 dBm typical at 2 GHz to 18 GHz
►
Extended operating temperature range: −55°C to +125°C
►
Die size: 0.945 mm × 1.540 mm × 0.100 mm
APPLICATIONS
►
Telecommunications
►
Satellite communications
►
Military radar
►
Civil radar
►
Electronic warfare
►
Test and measurement equipment
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADL8109CHIP is a 1 GHz to 20 GHz low noise amplifier (LNA)
with 36.5 dBm RF input power survivability. The ADL8109CHIP has
a gain of 15.5 dB, an output power for 1 dB compression (OP1dB)
of 16.6 dBm, a typical output third-order intercept (OIP3) of 29
dBm, and a noise figure of 3.3 dB from 2 GHz to 18 GHz. This
LNA operates on a 5 V supply voltage (VDD) and has a nominal
quiescent current (IDQ) of 110 mA.
The ADL8109CHIP is fabricated on a gallium arsenide (GaAs),
pseudomorphic high electron mobility transfer (pHEMT) process.
This device is specified for operation from −55°C to +125°C.


Similar Part No. - ADL8109CHIP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVAL1Z AD-ADL8100-EVAL1Z Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVALZ AD-ADL8100-EVALZ Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN AD-ADL8100ACPZN Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN-R7 AD-ADL8100ACPZN-R7 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results

Similar Description - ADL8109CHIP

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022N1-65 ALPHA-AA022N1-65 Datasheet
662Kb / 4P
20-24 GHz Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220 Datasheet
524Kb / 8P
6 - 20 GHz Low Noise Amplifier
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
6 - 20 GHz Low Noise Amplifier
AMMP-6220 AVAGO-AMMP-6220_15 Datasheet
267Kb / 7P
6-20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6220 BOARDCOM-AMMC-6220 Datasheet
407Kb / 8P
6 - 20 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
6-20 GHz Low Noise Amplifier
logo
Analog Devices
ADL8106CHIPS AD-ADL8106CHIPS Datasheet
2Mb / 28P
GaAs, pHEMT, Low Noise Amplifier, 20 GHz to 54 GHz
Rev. 0
ADH463S AD-ADH463S Datasheet
303Kb / 7P
2 to 20 GHz Low Noise AGC Amplifier
Rev. A
ADL7078 AD-ADL7078 Datasheet
1Mb / 19P
High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com