Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL8109CHIP Datasheet(PDF) 15 Page - Analog Devices

Part # ADL8109CHIP
Description  High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8109CHIP Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL8109CHIP Datasheet HTML 11Page - Analog Devices ADL8109CHIP Datasheet HTML 12Page - Analog Devices ADL8109CHIP Datasheet HTML 13Page - Analog Devices ADL8109CHIP Datasheet HTML 14Page - Analog Devices ADL8109CHIP Datasheet HTML 15Page - Analog Devices ADL8109CHIP Datasheet HTML 16Page - Analog Devices ADL8109CHIP Datasheet HTML 17Page - Analog Devices ADL8109CHIP Datasheet HTML 18Page - Analog Devices ADL8109CHIP Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
ADL8109CHIP
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 15 of 19
The basic connections for operating the ADL8109CHIP from 1 GHz
to 20 GHz are shown in Figure 47. No external biasing inductor is
required for this device. It is recommended to use 1 µF and 1000
pF power supply decoupling capacitors for the VDD pad. To set IDQ,
connect a resistor between the RBIAS and VDD pads; 300 Ω is
recommended, which results in a nominal IDQ of 110 mA.
The RF input is shown as DC-coupled. If the RF input is driven
by a signal with a bias level that is not equal to 0 V, an external
AC-coupling capacitor must be used.
Table 9 details the resulting IDQ for various RBIAS values where the
resistor is tied to 5 V.
The circuit shown in Figure 47 represents the configuration used to
characterize and qualify the ADL8109CHIP.
Figure 47. Typical Application Circuit
Table 9. Recommended RBIAS Values for VDD = 5 V
RBIAS (Ω)
IDQ (mA)
IDQ_AMP (mA)
IRBIAS (mA)
672
50
44.7
5.3
456
70
62.7
7.3
353
90
81.2
8.8
300
110
100
10
263
130
119.2
10.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com