Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADL8109CHIP Datasheet(PDF) 18 Page - Analog Devices

Part # ADL8109CHIP
Description  High Survivability, Low Noise Amplifier, 1 GHz to 20 GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8109CHIP Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL8109CHIP Datasheet HTML 11Page - Analog Devices ADL8109CHIP Datasheet HTML 12Page - Analog Devices ADL8109CHIP Datasheet HTML 13Page - Analog Devices ADL8109CHIP Datasheet HTML 14Page - Analog Devices ADL8109CHIP Datasheet HTML 15Page - Analog Devices ADL8109CHIP Datasheet HTML 16Page - Analog Devices ADL8109CHIP Datasheet HTML 17Page - Analog Devices ADL8109CHIP Datasheet HTML 18Page - Analog Devices ADL8109CHIP Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Data Sheet
ADL8109CHIP
MOUNTING AND BONDING TECHNIQUES FOR MILLIMETERWAVE, GAAS, MONOLITHIC
MICROWAVE ICS (MMICS)
analog.com
Rev. 0 | 18 of 19
Attach the die directly to the ground plane with high thermal con-
ductive epoxy (see the Handling Precaution section, the Mounting
section, and the Wire Bonding section).
Place the microstrip substrates as close to the die as possible to
minimize the wire bond length. Typical die substrate spacing is
0.076 mm to 0.152 mm (3 mil to 6 mil).
Figure 49. Input Wire Bonding and Substrate Spacing
Figure 50. Output Wire Bonding and Substrate Spacing
HANDLING PRECAUTION
To avoid permanent damage, follow these storage, cleanliness,
static sensitivity, transient, and general handling precautions:
►
Place all bare die in either waffle- or gel-based ESD protective
containers and then seal the die in an ESD protective bag for
shipment. After the sealed ESD protective bag is opened, store
all dies in a dry nitrogen environment.
►
Handle the chip in a clean environment. Do not attempt to clean
the chip using liquid cleaning systems.
►
Follow ESD precautions to protect against ESD strikes.
►
While bias is applied, suppress instrument and bias supply tran-
sients. Use shielded signal and bias cables to minimize inductive
pickup.
►
Handle the chip along the edges with a vacuum collet or with
a sharp pair of tweezers. The surface of the chip has fragile air
bridges and must not be touched with a vacuum collet, tweezers,
or fingers.
MOUNTING
Before the die is attached, apply enough epoxy to the mounting
surface so that a thin epoxy fillet is observed around the perimeter
of the chip after it is placed into position. Cure the epoxy per the
schedule of the manufacturer.
WIRE BONDING
RF bonds made with 1 mil gold wire are recommended for the RF
ports. These bonds must be thermosonically bonded with a force
of 40 g to 60 g. Thermosonically bonded DC bonds of 0.025 mm
diameter (0.001 in) are recommended. Create ball bonds with a
force of 40 g to 50 g and wedge bonds with a force of 18 g to
22 g. Create all bonds with a nominal stage temperature of 150°C.
Apply the minimum amount of ultrasonic energy (depending on the
process and package used) to achieve reliable bonds. Keep all
bonds as short as possible, less than 0.31 mm (12 mil).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com