Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6X2X Datasheet(PDF) 164 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 164 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 160Page - Microchip Technology PIC18F6X2X Datasheet HTML 161Page - Microchip Technology PIC18F6X2X Datasheet HTML 162Page - Microchip Technology PIC18F6X2X Datasheet HTML 163Page - Microchip Technology PIC18F6X2X Datasheet HTML 164Page - Microchip Technology PIC18F6X2X Datasheet HTML 165Page - Microchip Technology PIC18F6X2X Datasheet HTML 166Page - Microchip Technology PIC18F6X2X Datasheet HTML 167Page - Microchip Technology PIC18F6X2X Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 386 page
background image
PIC18F6X2X/8X2X
DS39612A-page 162
Advance Information
 2003 Microchip Technology Inc.
17.1.3
ECCP MODULES AND TIMER
RESOURCES
Like the standard CCP modules, the ECCP modules
can utilize Timers 1, 2, 3 or 4, depending on the mode
selected. Timer1 and Timer3 are available for modules
in Capture or Compare modes, while Timer2 and
Timer4 are available for modules in PWM mode. Addi-
tional details on timer resources are provided in
Section 16.1.1.
17.2
Capture and Compare Modes
Except for the operation of the special event trigger dis-
cussed below, the Capture and Compare modes of the
ECCP module are identical in operation to that of
CCP4. These are discussed in detail in Section 16.2
and Section 16.3.
17.2.1
SPECIAL EVENT TRIGGER
In this mode, an internal hardware trigger is generated
in Compare mode, on a match between the CCPR reg-
ister pair and the selected timer. This can be used in
turn to initiate an action.
The special event trigger output of either ECCP1 or
ECCP2 resets the TMR1 or TMR3 register pair,
depending on which timer resource is currently
selected. This allows the CCPRx register to effectively
be a 16-bit programmable period register for Timer1 or
Timer3. In addition, the ECCP2 special event trigger
will also start an A/D conversion if the A/D module is
enabled.
The triggers are not implemented for ECCP3, CCP4 or
CCP5.
Selecting
the
Special
Event
mode
(CCPxM3:CCPxM0 = 1011) for these modules has the
same effect as selecting the Compare with Software
Interrupt mode (CCPxM3:CCPxM0 = 1010).
17.3
Standard PWM Mode
When configured in Single Output mode, the ECCP
module functions identically to the standard CCP
module in PWM mode as described in Section 16.4.
This is also sometimes referred to as “Compatible
CCP” mode as in Tables 17-1 through 17-3.
17.4
Enhanced PWM Mode
The Enhanced PWM mode provides additional PWM
output options for a broader range of control applica-
tions. The module is a backward compatible version of
the standard CCP module and offers up to four outputs,
designated PxA through PxD. Users are also able to
select the polarity of the signal (either active high or
active low). The module’s output mode and polarity
are configured
by
setting
the
PxM1:PxM0
and
CCPxM3CCPxM0 bits of the CCPxCON register
(CCPxCON<7:6> and CCPxCON<3:0>, respectively).
For the sake of clarity, Enhanced PWM mode operation
is described generically throughout this section with
respect to ECCP1 and TMR2 modules. Control register
names are presented in terms of ECCP1. All three
enhanced modules, as well as the two timer resources,
can be used interchangeably and function identically.
TMR2 or TMR4 can be selected for PWM operation by
selecting the proper bits in T3CON.
Figure 17-1 shows a simplified block diagram of PWM
operation. All control registers are double-buffered and
are loaded at the beginning of a new PWM cycle (the
period boundary when Timer2 resets) in order to pre-
vent glitches on any of the outputs. The exception is the
PWM delay register, ECCP1DEL, which is loaded at
either the duty cycle boundary or the boundary period
(whichever comes first). Because of the buffering, the
module waits until the assigned timer resets instead of
starting immediately. This means that enhanced PWM
waveforms do not exactly match the standard PWM
waveforms but are instead offset by one full instruction
cycle (4 TOSC).
As before, the user must manually configure the
appropriate TRIS bits for output.
17.4.1
PWM PERIOD
The PWM period is specified by writing to the PR2
register. The PWM period can be calculated using the
equation:
PWM frequency is defined as 1 / [PWM period]. When
TMR2 is equal to PR2, the following three events occur
on the next increment cycle:
•TMR2 is cleared
• The CCP1 pin is set (if PWM duty cycle = 0%, the
CCP1 pin will not be set)
• The PWM duty cycle is copied from CCPR1L into
CCPR1H
Note:
The special event trigger from ECCP2 will
not set the Timer1 or Timer3 interrupt flag
bits.
Note:
When setting up single output PWM opera-
tions, users are free to use either of the
processes described in Section 16.4.3 or
Section 17.4.9. The latter is more generic
but will work for either single or multi-output
PWM.
Note:
The Timer2 postscaler (see Section 13.0)
is not used in the determination of the
PWM frequency. The postscaler could be
used to have a servo update rate at a
different frequency than the PWM output.
PWM Period = [(PR2) + 1] • 4 • TOSC •
(TMR2 Prescale Value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com