Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6X2X Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC18F6X2X
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC18F6X2X Datasheet HTML 163Page - Microchip Technology PIC18F6X2X Datasheet HTML 164Page - Microchip Technology PIC18F6X2X Datasheet HTML 165Page - Microchip Technology PIC18F6X2X Datasheet HTML 166Page - Microchip Technology PIC18F6X2X Datasheet HTML 167Page - Microchip Technology PIC18F6X2X Datasheet HTML 168Page - Microchip Technology PIC18F6X2X Datasheet HTML 169Page - Microchip Technology PIC18F6X2X Datasheet HTML 170Page - Microchip Technology PIC18F6X2X Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 165
PIC18F6X2X/8X2X
FIGURE 17-3:
PWM OUTPUT RELATIONSHIPS (ACTIVE LOW STATE)
17.4.4
HALF-BRIDGE MODE
In the Half-Bridge Output mode, two pins are used as
outputs to drive push-pull loads. The PWM output sig-
nal is output on the P1A pin, while the complementary
PWM output signal is output on the P1B pin
(Figure 17-4). This mode can be used for half-bridge
applications, as shown in Figure 17-5, or for full-bridge
applications, where four power switches are being
modulated with two PWM signals.
In Half-Bridge Output mode, the programmable dead
band delay can be used to prevent shoot-through
current in half-bridge power devices. The value of bits
PDC6:PDC0 sets the number of instruction cycles
before the output is driven active. If the value is greater
than the duty cycle, the corresponding output remains
inactive during the entire cycle. See Section 17.4.6 for
more details of the dead band delay operations.
Since the P1A and P1B outputs are multiplexed with
the PORTC<2> and PORTE<6> data latches, the
TRISC<2> and TRISE<6> bits must be cleared to
configure P1A and P1B as outputs.
FIGURE 17-4:
HALF-BRIDGE PWM
OUTPUT
0
Period
00
10
01
11
SIGNAL
PR2+1
CCP1CON
<7:6>
P1A Modulated
P1A Modulated
P1B Modulated
P1A Active
P1B Inactive
P1C Inactive
P1D Modulated
P1A Inactive
P1B Modulated
P1C Active
P1D Inactive
Duty
Cycle
(Single Output)
(Half-Bridge)
(Full-Bridge,
Forward)
(Full-Bridge,
Reverse)
Delay(1)
Delay(1)
Relationships:
• Period = 4 * TOSC * (PR2 + 1) * (TMR2 prescale value)
• Duty Cycle = TOSC * (CCPR1L<7:0>:CCP1CON<5:4>) * (TMR2 prescale value)
• Delay = 4 * TOSC * (ECCP1DEL<6:0>)
Note
1:
Dead band delay is programmed using the ECCP1DEL register (Section 17.4.6).
Period
Duty Cycle
td
td
(1)
P1A(2)
P1B(2)
td = Dead Band Delay
Period
(1)
(1)
Note 1: At this time, the TMR2 register is equal to the
PR2 register.
2: Output signals are shown as active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com