Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4524SETRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4524SETRT
Description  Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524SETRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4524SETRT Datasheet HTML 5Page - Semtech Corporation SC4524SETRT Datasheet HTML 6Page - Semtech Corporation SC4524SETRT Datasheet HTML 7Page - Semtech Corporation SC4524SETRT Datasheet HTML 8Page - Semtech Corporation SC4524SETRT Datasheet HTML 9Page - Semtech Corporation SC4524SETRT Datasheet HTML 10Page - Semtech Corporation SC4524SETRT Datasheet HTML 11Page - Semtech Corporation SC4524SETRT Datasheet HTML 12Page - Semtech Corporation SC4524SETRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
ã 2006 Semtech Corp.
www.semtech.com
SC4524
POWER MANAGEMENT
Applications Information
Setting the Output Voltage
The regulator output voltage is set with an external
resistive divider (Figure 4) with its center tap tied to the
FB pin.

9
5
5
287


-
=
(1)
The percentage error due the input bias current of the
error amplifier is
9

5
5

Q$

9
9


287
287
ÔÏ
¼
¼
-
=
D
.
Example: Determine the output voltage error of a
9

9287 =
converter with
W
=
N



5
.
From (1),
W
=
-
¼
W
=
N



N



5



9

N

N




Q$

9
9
287
287
-
=
ÔÏ
¼
¼
-
=
D
.
This error is at least an order of magnitude lower than
the ratio tolerance resulting from the use of 1% resistors
in the divider string.
Setting the Switching Frequency
The switching frequency of the SC4524 is set with an
external resistor from the ROSC pin to ground. A graph
of switching frequency against R
OSC is shown in “Typical
Performance Characteristics”. The switching frequency
is programmable up to 1.5MHz.
The switching frequency is limited by the minimum
controllable on time at low duty cycles. For V
IN > 20V,
setting switching frequency below 500kHz makes
converter output short circuit operation more robust.
These will be described in more details later.
Minimum On Time Consideration
The operating duty cycle of a non-synchronous step-down
switching regulator in continuous-conduction mode (CCM)
is given by
&(6$7
'
,1
'
287
9
9
9
9
9
'
-
+
+
=
(2)
where V
CESAT is the switch saturation voltage and VD is
voltage drop across the rectifying diode.
Duty cycle decreases with increasing
287
,1
9
9
ratio. In peak
current-mode control, the PWM modulating ramp is the
sensed current ramp of the power switch. This current
ramp is absent unless the switch is turned on. The
intersection of this ramp with the output of the voltage
feedback error amplifier determines the switch pulse
width. The propagation delay time required to
immediately turn off the switch after it is turned on is
the minimum controllable switch on time (T
ON(MIN)). Closed-
loop measurement of the SC4524 with low
,1
287
9
9
ratios
WPVU
S!
S
$6
A7Ã
Ã
Ã
Ã
T8#$!#
Figure 4. V
OUT is set with a Resistive Divider
Hvv€ˆ€ÃPÃUv€rÃ
‰†Ã6€ivr‡ÃUr€ƒr…h‡ˆ…r













Ur€ƒr…h‡ˆ…rÃ8
U
2
1
0
,1
Ã

†
Figure 5. Variation of Minimum On Time with
Ambient Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com